Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0428 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 17Page - STMicroelectronics UM0428 Datasheet HTML 18Page - STMicroelectronics UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics UM0428 Datasheet HTML 22Page - STMicroelectronics UM0428 Datasheet HTML 23Page - STMicroelectronics UM0428 Datasheet HTML 24Page - STMicroelectronics UM0428 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
UM0428
Motor control demonstration
21/27
7.5
Sensor voltage setting
W6 sets the voltage reference supplied to the Hall sensor or to the Encoder.
If W6 is set between 2-3, +5 V is supplied to the sensor.
If W6 is set between 1-2, the same voltage of the microcontroller is supplied to the sensor
(+5 or +3.3 depending W13).
For the remaining settings follow the description in Table 6.
7.5.1
Board connections
After the board has been configured the system can be set up as shown in Figure 12. This
configuration is called “running configuration”. The control board must be preventively
configured. (see control board user manual).
1.
Connect the insulated high voltage power supply to the J6 connector of STEVAL-
IHM011V1 (Pin 2-3).
2.
Connect the 34-pin flat cable between the two MC connectors: J4 of Control board and
J3 of power board.
3.
Connect the phases of the motor to the power board J4 connector and, if it is required,
connect the sensor signal to the Tachometer connector J2 or Hall Sensor/Encoder
connector J1 based on the sensor present inside the motor and driving strategy (see
control board user manual).
9
If it is required, connect a power supply with lower voltage output. For instance Ametek
motor requires the use of a power supply up to 30 V max.
Figure 12.
System setup for running phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com