Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0428 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics UM0428 Datasheet HTML 22Page - STMicroelectronics UM0428 Datasheet HTML 23Page - STMicroelectronics UM0428 Datasheet HTML 24Page - STMicroelectronics UM0428 Datasheet HTML 25Page - STMicroelectronics UM0428 Datasheet HTML 26Page - STMicroelectronics UM0428 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
UM0428
Motor control demonstration
23/27
Table 9.
Bill of materials
Item
Qty
Reference
Part name/value
V/
power
1
3
C1,C10,C14
33 pF
50 V
2
2
C2,C50
100 nF
10 V
3
3
C3,C9,C12
10 nF
25 V
4
3
C4,C11,C15
10 pF
50 V
5
3
C5,C16,C51
4.7 µF
25 V
6
4
C6,C13,C18,C21
27 nF
25 V
7
7
C7,C8,C20,C23,C24,C25,C57
100 nF
50 V
8
5
C17,C39,C46,C55,C67
22 nF
50 V
9
2
C19,C22
330 pF
50 V
10
3
C26,C54,C68
2.2 nF
25 V
11
4
C27,C41,C59,C69
10 nF
16 V
12
2
C28,C34
4.7 nF
250 V
13
1
C29
100 nF
400 V
14
3
C71,C72,C73
NC
15
2
C31,C35
1000 µF
200 V
16
9
C32,C33,C45,C47,C48,C58,C60,C61,C64
1 µF
25 V
17
3
C36,C52,C65
1 nF
50 V
18
1
C37
47 nF
16 V
19
3
C38,C53,C66
10 µF
35 V
20
1
C40
2.2 nF
16 V
21
1
C42
220 nF
16 V
22
1
C43
10 µF
25 V
23
1
C44
1 uF
50 V
24
2
C56,C62
100 µF
25 V
25
1
C70
10 pF
25 V
26
3
D1,D3,D5
BAR43FILM
27
5
D2,D4,D6,D12,D17
STTH1L06U
28
9
D7,D8,D9,D10,D11,D14,D18,D20,D21
BAT54WFILM
29
1
D13
1.5KE36A
30
1
D15
1N4001
31
1
D16
STTH3L06
32
1
D19
1.5KE18A
33
1
F1
Fuse 10 A
34
1
J1
Connector 5 pin single line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com