Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0428 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 18Page - STMicroelectronics UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics UM0428 Datasheet HTML 22Page - STMicroelectronics UM0428 Datasheet HTML 23Page - STMicroelectronics UM0428 Datasheet HTML 24Page - STMicroelectronics UM0428 Datasheet HTML 25Page - STMicroelectronics UM0428 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Motor control demonstration
UM0428
22/27
7.5.2
Changing the current hardware protection level
The hardware protection level has been set by design to 4 amps but it is possible to change
this value soldering one (or three) resistor(s) of specific value as described in Figure 13.
Figure 13.
Changing the divider factor to increase the current protection level
If the system is configured for single-shunt, only R114 must be soldered. If the system is
configured for three-shunt, R114, R101, R123 must be soldered.
The value of the resistor(s) express in k
Ω can be calculated from the following formula:
Equation 1
For IMAX = 10 A one (or three) resistor of 1 kΩ must be soldered.
Note:
Read how to change the software current limitation in the control board user manual
R
I
MAX
5
------------
1
–
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com