Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236 Datasheet(PDF) 24 Page - NEC

Part # UPD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236 Datasheet(HTML) 24 Page - NEC

Back Button UPD17P236 Datasheet HTML 20Page - NEC UPD17P236 Datasheet HTML 21Page - NEC UPD17P236 Datasheet HTML 22Page - NEC UPD17P236 Datasheet HTML 23Page - NEC UPD17P236 Datasheet HTML 24Page - NEC UPD17P236 Datasheet HTML 25Page - NEC UPD17P236 Datasheet HTML 26Page - NEC UPD17P236 Datasheet HTML 27Page - NEC UPD17P236 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
µPD17P236
24
Data Sheet U14776EJ1V0DS00
S
S
H
J
T
I
G
D
E
F
C
B
K
P
L
U
N
ITEM
B
C
I
L
M
N
30-PIN PLASTIC SSOP (7.62 mm (300))
A
K
D
E
F
G
H
J
P
30
16
115
A
detail of lead end
M
M
T
MILLIMETERS
0.65 (T.P.)
0.45 MAX.
0.13
0.5
6.1
±0.2
0.10
9.85
±0.15
0.17
±0.03
0.1
±0.05
0.24
1.3
±0.1
8.1
±0.2
1.2
+0.08
−0.07
1.0
±0.2
3
°+5°
−3°
0.25
0.6
±0.15
U
NOTE
Each lead centerline is located within 0.13 mm of
its true position (T.P.) at maximum material condition.
S30MC-65-5A4-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com