Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236 Datasheet(PDF) 16 Page - NEC

Part # UPD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236 Datasheet(HTML) 16 Page - NEC

Back Button UPD17P236 Datasheet HTML 12Page - NEC UPD17P236 Datasheet HTML 13Page - NEC UPD17P236 Datasheet HTML 14Page - NEC UPD17P236 Datasheet HTML 15Page - NEC UPD17P236 Datasheet HTML 16Page - NEC UPD17P236 Datasheet HTML 17Page - NEC UPD17P236 Datasheet HTML 18Page - NEC UPD17P236 Datasheet HTML 19Page - NEC UPD17P236 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
µPD17P236
16
Data Sheet U14776EJ1V0DS00
4.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Item
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
PROM power supply
VPP
–0.3 to +13.5
V
Input voltage
VI
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
High-level output current
Note
IOH
REM pin
Peak value
–36.0
mA
rms value
–24.0
mA
1 pin (P0E pin)
Peak value
–7.5
mA
rms value
–5.0
mA
Total of P0E pins
Peak value
–22.5
mA
rms value
–15.0
mA
Low-level output current
Note
IOL
1 pin (P0B, P0C, P0D,
Peak value
7.5
mA
P0E, P1A0, or REM pin)
rms value
5.0
mA
Total of P0B, P0C, P0D,
Peak value
22.5
mA
P1A0, REM pins
rms value
15.0
mA
Total of P0E pins
Peak value
30.0
mA
rms value
20.0
mA
Operating temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Power dissipation
Pd
TA = 85
°C
180
mW
Note
The rms value should be calculated as follows: [rms value] = [Peak value]
× √ Duty
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on
the verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com