Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USTIEXT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USTIEXT
Description  Universal Sensors and Transducer Interface with Extended Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USTIEXT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USTIEXT Datasheet HTML 1Page - List of Unclassifed Manufacturers USTIEXT Datasheet HTML 2Page - List of Unclassifed Manufacturers USTIEXT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
• Pulse width, t
p 2
µs – 250 s
• Space interval, t
s 2
µs – 250 s
• Pulse number (events) counting, N
x 0 – 4
×109
• Frequency deviation absolute D
A1, 0 – 7.5 MHz
• Frequency deviation relative D
R1, 0 – 100 %
• Resistance, R
x 12
Ω to 10 MΩ with average relative
error
±0.55 % and ±0.012 % error at splitting of the
range into sub ranges
• Capacitance, C
x 60 pF to 100
µF with average
relative error
±0.05 % and ±0.85 % the worst case
relative error
• Resistive bridges, B
x must not include any internal
components other than 4 arms forming a bridge
• Operating temperature range -55 ºC to +150 ºC
• Storage temperature range -65 °C to +150 °C
NOTE: The USTI EXT can also work with any voltage
and current output sensors. It this case, any voltage–
to-frequency converter (VFC) can be used. The
accuracy of such system will be determined by sensor
accuracy as well as by VFC accuracy.
ACCURACY
The USTI has programmable relative error from 1 to
0.0005 % in all specified range of frequencies for
frequency and period measurements. This error is
constant and does not depend on the measuring
frequencies in all frequency ranges. The USTI has
non-redundant conversion time. The higher conversion
accuracy needs longer conversion time. However, it is
non-redundant
for
any
selected
accuracy
and
frequency. For time interval, phase shift, pulse width
and
space
measurements
the
relative
error
is
determined
mainly
by
measurand
and
can
be
calculated according to the following equation:
6
1
100 %,
16 10
q
x
t
δ =
×
⋅
⋅
where tx is the appropriate measuring value of tp, ts or
τ
x depending on the mode.
COMMUNICATION MODES
The USTI can work as an independent measuring unit
(master
mode),
controlled
by
any
external
microcontroller (or embedded into a sensor), DAQ
board or PC (slave mode). In the master mode, the
conversion accuracy and measurement mode should
be selected by external switches. In this mode the
USTI works only through the RS232 interface in a
unidirectional mode. In the slave mode (with an
external microcontroller), all measuring modes and
programmed accuracy can be set up by a data bus or
through
communication
I/O
ports
of
master
microcontroller. This allows us use the USTI as a
simple peripheral circuit for a microcontroller. A
bidirectional data exchange is possible with any of
three interfaces RS232, SPI or I2C. The USTI works
as a standard element in different systems with I2C
bus architecture, or can be controlled through the
RS232 or SPI interfaces. The choice of interface can
be performed automatically depend on the circuit
connections.
The selection of communication interface is performed
automatically based on the state of IS1 and IS2 inputs
at the power switch on:
IS1
IS2
Communication Interface
0
0
SPI slave
0
1
I2C slave
1
0
RS232 master
1
1
RS232 slave
CHARACTERISTICS
• Single power supply, V: 4.5 – 5.5
• External reference frequency, MHz: 16
• Internal reference frequency, MHz: 16
• Conversion time: 6.25 µs to 0.32 s
• Supply current (at 16 MHz, 4.5 V, 25 ºC), mA: < 12
• Operating temperature range - 55 ºC to +150 ºC
(AEC-Q100 Grade0)
• Storage temperature range -65 °C to +150 °C
PIN-OUT AND HOUSING
The USTI-EXT is available in 32-lead 7 x 7 mm Body
Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch
small Thin Profile Plastic Quad Flat Package (TQFP);
and 32-pad, 5 x 5 x 1.0 mm Body, Lead Pitch
0.50 mm, 3.10 mm Exposed Pad, Micro Lead Frame
Package (MLF).
PIN FUNCTION DESCRIPTIONS
TQFP/MLF TOP VIEW
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
FX2
ST1
GND
VCC
GND
VCC
OSC1
OSC2
M0/A0
MES/BS
NC
GND
NC
NC
VCC
SCK/N2
NOTE: Bottom Pad for MLF Package Should be
Soldered to Ground.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com