Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USTIEXT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USTIEXT
Description  Universal Sensors and Transducer Interface with Extended Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USTIEXT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USTIEXT Datasheet HTML 1Page - List of Unclassifed Manufacturers USTIEXT Datasheet HTML 2Page - List of Unclassifed Manufacturers USTIEXT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal Sensors and Transducer Interface
with Extended Temperature Range
USTI EXT
FEATURES
• 29 measuring modes and one generator mode
• 2 channels for frequency and period
measurements
• Frequency (time)-to-digital conversion for many
types of sensors and transducers
• Interfacing for resistive (including platinum (Pt),
cuprum (Cu) resistors and thermistors (Ni)),
capacitive sensing elements and resistive
bridges
• Frequency range from 1 Hz up to 7.5 MHz
without prescaling and 120 MHz with
prescaling;
• Programmable accuracy (relative error) for
frequency (period) conversion from 1 % to
0.0005%
• Relative quantization error is constant in all
specified frequency range
• Non-redundant conversion time
• Scalable resolution
• Internal reference clock 16 MHz
@ 16 MHz quartz oscillator
• Quartz-accurate automated calibration
• 3-wire serial interface (SPI compatible)
• 2-wire interface (I2C compatible)
• RS232/485 serial interface
• Master and slave communication modes
• Frequency generator mode 8 MHz with quartz
crystal stability
• Operating temperature range -55 ºC to +150 ºC
APPLICATIONS
Physical and Chemical Sensor Systems
Digital Sensors, SoC, SiP
Smart and Intelligent Sensors and Systems
Industrial and Process Control
Data Acquisition Systems
Instrumentations
Customer Electronics
Automotive
GENERAL DESCRIPTION
The Universal Sensors and Transducers Interface
(USTI-EXT) is a fully digital CMOS integrated circuit
based on novel patented methods for frequency,
period,
its
ratio,
duty-cycle
and
phase-shift
measurements.
This
IC
has
similar
metrological
performance as Excelera’s UFDC-1M-16 and same
functionalities as the USTI IC but can work in extended
operation temperature range from - 55 ºC to +150 ºC.
FUNCTIONAL BLOCK DIAGRAM
sensor applications. It offers high performance with
flexibility and requires minimum possible number of
external components.
The USTI-EXT can be easy included into digital
environment, controlled by an external microcontroller
(slave mode) or work independently as a separate
measuring unit without an external control (master
mode). The function selection can be configured in
both software and hardware.
The IC converts frequency-time parameters of signals
into digital, and provides interface to microcontroller,
DAQ or sensor system to read these digital results.
The USTI-EXT has 29 measuring and one generating
modes. The measuring mode can be hardware-
selected by using four selection external pins M0-M2
and the relative error by using four selection pins N0-
N2 (RS232 master communication mode). The mode
and accuracy can be also selected by using any of
three possible interfaces (slave communication mode).
A communication interface type (RS232, SPI or I
2C)
can be automatically selected according to the circuit
connection.
MEASURING MODES
• Frequency, f
x1 1 Hz – 7.5 MHz directly and up to
120 MHz with prescaling
• Period, T
x1 150 ns – 20 s
• Phase shift, ϕx 0 - 3600 at f
xmax = 500 kHz at 50 %
duty-cycle
• Time interval between start – and stop-pulse, τ
x
• 2 µs – 250 s
• Duty-cycle, D.C. 0 – 1 at f
xmax
≤ 500 kHz
• Duty-off factor, Q 10-8 – 8.106 at f
xmax
≤ 500 kHz
• Frequency difference, f
x1 – fx2 with sign recognition,
0 – 7.5 MHz
• Period difference, T
x1 – Tx2 with sign recognition,
0 – 20 s
• Frequency ratio, f
x1/fx2 7
×10-9 – 1.4 × 108
• Period ratio, T
x1/Tx2 7.5
× 10-9 – 1.33 ×108
• Rotation speed, n
x = (fx
×60)/Z, where Z is the
number of encoder teeth


Similar Part No. - USTIEXT

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
USTI TAB-USTI Datasheet
283Kb / 3P
Universal Sensors and Transducers Interface
More results

Similar Description - USTIEXT

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
USTI TAB-USTI Datasheet
283Kb / 3P
Universal Sensors and Transducers Interface
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
Enhanced Digital Output Sensors: Extended temperature range
DS-0011 Rev A
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
Extended temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com