Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USTIEXT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USTIEXT
Description  Universal Sensors and Transducer Interface with Extended Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USTIEXT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USTIEXT Datasheet HTML 1Page - List of Unclassifed Manufacturers USTIEXT Datasheet HTML 2Page - List of Unclassifed Manufacturers USTIEXT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
This device can also be supplied in wafer form. Please
contact Excelera, S. L. sales office for detailed
ordering information and minimum quantities.
.
PIN FUNCTION DESCRIPTIONS
Name
Pin Descriptions
VCC
Supply voltage
GND
Ground
FX1, ST1
Input channel 1
FX2, ST2
Input channel 2
OSC1, OSC2
Oscillator
M0, M1, M2
Mode selection (see table)
N0, N1, N2
Accuracy selection (see table)
A0, A1, A2
Address of I
2C slave (for I2C bus
communication)
TEST
Calibration signal
SCK
SPI Bus Master clock Input
MISO
SPI Bus Master Input/Slave Output
MOSI
SPI Bus Master Output/Slave Input
SS
SPI Bus Master Slave select
SCL
Two-wire (I
2C compatible) Serial Bus
Clock Line
SDA
Two-wire (I
2C compatible) Serial Bus
Data Input/Output Line
RXD
UART Input
TXD
UART Output
IS0,IS1
Interface mode selection
BN
North port of bridge
BW
West port of bridge
BS
South port of bridge
CE1
Calibration element 1
CE2
Calibration element 2
CHRG, MES,
SMPL
Rx and Cx measurement pins
For more detailed information, specifications and
application notes the following document are strongly
recommended: Universal Sensors and Transducers
Interface (USTI): Specification and Application Note.
Excelera, S. L.
Parc UPC-PMT, Edificio RDIT-K2M, x
c/ Esteve Terradas, 1. Office 113 b
08860 Castelldefels (SPAIN)
Tel.: +34 934 137 941
E-mail: info@excelera.io
Web: http://www.excelera.io



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com