Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2478 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2478
Description  Normal mode and error detection features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2478 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2478 Datasheet HTML 3Page - STMicroelectronics AN2478 Datasheet HTML 4Page - STMicroelectronics AN2478 Datasheet HTML 5Page - STMicroelectronics AN2478 Datasheet HTML 6Page - STMicroelectronics AN2478 Datasheet HTML 7Page - STMicroelectronics AN2478 Datasheet HTML 8Page - STMicroelectronics AN2478 Datasheet HTML 9Page - STMicroelectronics AN2478 Datasheet HTML 10Page - STMicroelectronics AN2478 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN2478
Error detection features
7/21
3
Error detection features
This feature allows the output status detection to verify the functionality of the LEDs. The
error detection includes both open circuit detection and short circuit detection. From "normal
mode", the device is switched to "error mode" by a logic sequence on the OE/DM2 and
LE/DM1 pins. The eight data bits (STP08DP05) must be set to "1" in order to set all the
outputs ON during detection. The data are latched by LE/DM1. After latching, the outputs
are ready for the detection process. When the microcontroller switches the OE/DM2 to
"low", the device drives the LEDs in order to analyze if an open or short condition has
occurred.
In order to set the SDO output pin to the correct output error detection value, during the
acquisition time (OE/DM2 "low"), at least two CLK pulses must be applied before the rising
edge of OE/DM2 signal. These CLK pulses must be sent after the minimum detection time
(typically 500-600 ns). In this way the data loaded into the shift register will be updated
(rewritten) with the error detection data when the OE/DM2 signal turns to “high”. Good
output results are shown with a "1" logic level, and with a "0" logic level when the output is
malfunctioning (short or open condition).
The plots below show all the steps required to perform the error detection for the
STP08DP05 and the STP16DP05.
Figure 4.
Error detection sequence for STP08DP05
LE and OE
signal for Error
Detection Mode
Feeding 8 bit of CLK signal after entering
the EDM, the SDI signal, set to 1, is
loaded inside the shift register
This signal latches the
Data vs the SDO
Set the Enable “ON”, run 2
CLK cycle minimum, wait
1micro second minimum,
then apply other 1 CLK
cycle
Detection Results shown by SDO.
In this case all the outputs are
Open
After the Detection
Error Windows, an
OE Signal puts the
device in Normal
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com