Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2478 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2478
Description  Normal mode and error detection features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2478 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2478 Datasheet HTML 1Page - STMicroelectronics AN2478 Datasheet HTML 2Page - STMicroelectronics AN2478 Datasheet HTML 3Page - STMicroelectronics AN2478 Datasheet HTML 4Page - STMicroelectronics AN2478 Datasheet HTML 5Page - STMicroelectronics AN2478 Datasheet HTML 6Page - STMicroelectronics AN2478 Datasheet HTML 7Page - STMicroelectronics AN2478 Datasheet HTML 8Page - STMicroelectronics AN2478 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN2478
Normal mode functionality
5/21
2
Normal mode functionality
During normal mode status, the serial data present on the SDI pin is transferred to the shift
register during the CLK rise time signal transition. After 8 CLK pulses for the STP08DP05,
or 16 CLK pulses for the STP16DP05, the data loaded on the SDI pin will be shifted to the
SDO pin with a typical delay of 15 ns (depending on the clock). This delay guarantees the
correct synchronization of the CLK and SDI signals if two or more devices are cascaded.
The data present in any register can be transferred to the respective latch when the Latch -
Enable (LE/DM1) is "high" (serial to parallel conversion). After this step, data is transferred
to the outputs by the output enable (OE/DM2) which turns ON the LEDs at the current set by
the external resistor. It is also possible to use the OE/DM2 pin to modify the output ON/OFF
duty cycle. This allows an optimization of dimming when two or more devices are used.
Figure 2.
Typical functionality in normal mode
The signals shown on the plot are:
●
CLK signal (CH1)
●
OE/DM2 signal (CH2)
●
Vout level (CH3)
●
OutputN (CH4) which turn ON and OFF according to the OE pulse
Under specific applicative conditions, where it is necessary to transfer data directly to the
outputs without the OE/DM2 signal (always "low"), the LE/DM1 is synchronized with a CLK
signal that transfers the shift register data to the specific output as reported in the following
plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com