Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2478 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2478
Description  Normal mode and error detection features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2478 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2478 Datasheet HTML 9Page - STMicroelectronics AN2478 Datasheet HTML 10Page - STMicroelectronics AN2478 Datasheet HTML 11Page - STMicroelectronics AN2478 Datasheet HTML 12Page - STMicroelectronics AN2478 Datasheet HTML 13Page - STMicroelectronics AN2478 Datasheet HTML 14Page - STMicroelectronics AN2478 Datasheet HTML 15Page - STMicroelectronics AN2478 Datasheet HTML 16Page - STMicroelectronics AN2478 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2478
Evaluation boards with error detection features using STP08DP05 LED drivers
13/21
5
Evaluation boards with error detection features using
STP08DP05 LED drivers
5.1
Description
The main aim of this section is to demonstrate two evaluation boards with error detection
features using the new STP08DP05 LED drivers: the STEVAL-ILL002V3 with OSRAM LEDs
and the STEVAL-ILL002V4 with VISHAY LEDs (Figure 12). The evaluation boards are
completely based on an existing solution already described in AN2415, because drivers
were replaced by the new STP08DP05. Therefore this section is focused on explaining only
the differences in the main features and timing diagram.
Main features of the evaluation board are:
●
Brightness regulation
●
Blinking speed regulation
●
Animated text
●
Error detection on outputs
●
PC graphic user interface for error detection(GUI)
●
DC/DC converter using the L5970D
●
Input voltage range of 7 V to 32 V
Two versions of the evaluation boards are available:
●
STEVAL-ILL002V3 using OSRAM LEDs
●
STEVAL-ILL002V4 using VISHAY LEDs
Figure 12.
STEVAL-ILL002V3 or 4 evaluation boards
5.2
Timing diagram
The heart of this application is the microcontroller (ST7LITE39) which sends the data
through the SPI to the LED drivers. There are five STP08DP05 LED drivers each with eight
outputs assembled to allow independent driving of 40 LEDs during normal operational mode
and also to detect the status of incorrect LEDs during error detection mode. The
implementation method is described in the timing diagrams in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com