Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2823 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 9Page - STMicroelectronics AN2823 Datasheet HTML 10Page - STMicroelectronics AN2823 Datasheet HTML 11Page - STMicroelectronics AN2823 Datasheet HTML 12Page - STMicroelectronics AN2823 Datasheet HTML 13Page - STMicroelectronics AN2823 Datasheet HTML 14Page - STMicroelectronics AN2823 Datasheet HTML 15Page - STMicroelectronics AN2823 Datasheet HTML 16Page - STMicroelectronics AN2823 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
13/33
Relaxing the edge requirements or increasing the transient performance of the circuit, which
depend on VIN and the number of LEDs composing the string and inductor value, a lower D
can achieved.
2.1.3
Frequency compensation
The loop transfer function can be written as the product of meaningful terms.
Equation 9
where GPWM(fsw) is a specific parameter of the L5973AD and represents the gain of the
PWM stage, AOTA(s) is the transfer function of the error amplifier block, GPWR(s)
represents the power stage and
αLED(nLED) is the partition of the output voltage directly
applied to the FB pin.
The gain of the PWM stage GPWM(fsw) is:
Equation 10
so it is 26.3 at a switching frequency of 500 kHz.
When the system has reached working conditions, the LEDs composing the row are biased
and their equivalent circuit can be considered as a resistor for frequency << 1 MHz.
Typically, the manufacturer provides the typical equivalent dynamic resistance of the LED
biased with different DC current. This parameter is useful to study the behavior of the
system in small signal analysis. The equivalent dynamic resistance of the Luxeon III Star
from Lumiled measured with different bias current level is reported below:
Equation 11
Figure 12.
Load equivalent circuit
G
LOOP s
() G
PWM fSW
() A
OTA s
() G
PWR s
() α
LED nLED
()
⋅
⋅
⋅
=
G
PWM fSW
()
1
0.076
---------------
f
SW kHz
()
250
--------------------------
⋅
=
r
LED
1.3
Ω
I
LED
350mA
=
0.9
Ω
I
LED
700mA
=
⎩
⎨
⎧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com