Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2823 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 17Page - STMicroelectronics AN2823 Datasheet HTML 18Page - STMicroelectronics AN2823 Datasheet HTML 19Page - STMicroelectronics AN2823 Datasheet HTML 20Page - STMicroelectronics AN2823 Datasheet HTML 21Page - STMicroelectronics AN2823 Datasheet HTML 22Page - STMicroelectronics AN2823 Datasheet HTML 23Page - STMicroelectronics AN2823 Datasheet HTML 24Page - STMicroelectronics AN2823 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
21/33
The gain block K(s) amplifies the voltage sensed on the resistor and thus decreases the
power lost across it. Its frequency behavior can also be useful to compensate the loop
function, introducing a pole or a zero if needed (see Figure 19).
The K(s) is implemented through an operational amplifier working in a non inverting
configuration.
In the schematic shown in Figure 19, the gain is
Equation 27
so leaving jp4 and jp5 open K(0)
≈10.01, otherwise closing both jumper K(0)≈5.7.
Considering the RSENSE=0.33 Ω, the regulated current is:
Equation 28
and the power lost across RSENSE is:
Equation 29
It can be considered negligible when compared to the amount of power delivered to the
load.
2.2.2
The dimming operation
The dimming operation is implemented as previously described in Section 2.1.2: switch Q1
clamps the output of the error amplifier to disable the switching activity.
Figure 20 and 21 show the dimming operation of the schematic in Figure 19, monitoring the
input dimming signal and the LED current.
Ks
()
1
R15//R16//R11//R13
R14//R12
-------------------------------------------------------
+
⎝⎠
⎛⎞
=
I
LED1
V
FB
K
JP4 OPEN, JP5 OPEN 0
() R
SENSE
⋅
--------------------------------------------------------------------------------------
1.235
10.01 0.33
⋅
-------------------------------
375 mA
≅
≅
=
I
LED2
V
FB
K
JP4 CLOSE, JP5 CLOSE 0
() R
SENSE
⋅
--------------------------------------------------------------------------------------------
1.235
5.3 0.33
⋅
------------------------
706 mA
≅≅
=
⎩
⎪
⎪
⎨
⎪
⎪
⎧
P
LOSS 1
R
SENSE
I
LED
()
2
46.4 mW
≅
⋅
=
P
LOSS 2
R
SENSE
I
LED
()
2
142 mW
≅
⋅
=
⎩
⎪
⎨
⎪
⎧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com