Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2823 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 19Page - STMicroelectronics AN2823 Datasheet HTML 20Page - STMicroelectronics AN2823 Datasheet HTML 21Page - STMicroelectronics AN2823 Datasheet HTML 22Page - STMicroelectronics AN2823 Datasheet HTML 23Page - STMicroelectronics AN2823 Datasheet HTML 24Page - STMicroelectronics AN2823 Datasheet HTML 25Page - STMicroelectronics AN2823 Datasheet HTML 26Page - STMicroelectronics AN2823 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
23/33
Figure 22.
Dimming signal
From Figure 20 and 21 (VIN = 18 V, string composed of two LEDs) the following data can be
inferred:
Equation 30
Considering a dimming frequency of 250 Hz, the minimum duty cycle of the PWM dimming
satisfies the equation:
Equation 31
so the minimum D is about 5%.
By relaxing the edge requirements or increasing the transient performance of the circuit,
which depend on VIN and the number of LED composing the string and inductor value, a
lower D can be achieved.
2.2.3
Frequency compensation
Most of the theory explained in Section 2.1.3 on page 13 is still valid for the circuit in
Figure 19. The equation of the loop transfer function is:
Equation 32
where the terms GPWM, AOTA and GPWM are already known.
Here, the term
αLED(s) is slightly different and can be calculated as:
Equation 33
T
RISE
40
μs
=
T
FALL
6
μs
=
⎩
⎨
⎧
T
RISE
T
FALL
+
0.2 T
MIN_PULSE
⋅
0.2 D
MIN
T
DIMMING
⋅⋅
==
G
LOOP s
() G
PWM fSW
() Ks
() A
OTA s
() G
PWR s
() α
LED nLED
()
⋅
⋅
⋅
⋅
=
α
LED nLED
()
R
SENSE
n
LED
r
LED
R
SENSE
+
⋅
----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com