Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2847 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 9Page - STMicroelectronics AN2847 Datasheet HTML 10Page - STMicroelectronics AN2847 Datasheet HTML 11Page - STMicroelectronics AN2847 Datasheet HTML 12Page - STMicroelectronics AN2847 Datasheet HTML 13Page - STMicroelectronics AN2847 Datasheet HTML 14Page - STMicroelectronics AN2847 Datasheet HTML 15Page - STMicroelectronics AN2847 Datasheet HTML 16Page - STMicroelectronics AN2847 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN2847
Operating modes
Doc ID 15136 Rev 2
13/31
3
Operating modes
The LIS331DLH can operate in the following four modes, which can be selected through the
configuration of CTR_REG1 and CTRL_REG5:
Normal mode
Power down
Low power
Sleep to wake
With reference to the datasheet of the device, the PowerMode (PM) and DataRate (DR) bits
of CTRL_REG1 register are used to select the basic operating modes (Power Down, Normal
mode and Low Power). The TurnOn bits of the CTRL_REG5 register are used to enable
Sleep to Wake, which is an advanced mode involving the interrupt configuration also.
Note:
The PMx bits are disabled if the TurnOnx bits of the CTRL_REG5 are not configured as
zeros.
Table 6.
Power mode and low-power output data rate configurations
PM2
PM1
PM0
Power mode selection
Output data rate [Hz]
ODRLP
00
0
Power Down
--
0
0
1
Normal mode
ODR
0
1
0
Low Power
0.5
01
1
Low Power
1
10
0
Low Power
2
10
1
Low Power
5
11
0
Low Power
10
Table 7.
CTRL_REG1 - data rate
DR!
DR0
Data rate generation [Hz]
ODR
00
50
01
100
10
400
1
1
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com