Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2847 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 18Page - STMicroelectronics AN2847 Datasheet HTML 19Page - STMicroelectronics AN2847 Datasheet HTML 20Page - STMicroelectronics AN2847 Datasheet HTML 21Page - STMicroelectronics AN2847 Datasheet HTML 22Page - STMicroelectronics AN2847 Datasheet HTML 23Page - STMicroelectronics AN2847 Datasheet HTML 24Page - STMicroelectronics AN2847 Datasheet HTML 25Page - STMicroelectronics AN2847 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Interrupt generation
AN2847
22/31
Doc ID 15136 Rev 2
The ZHIE, ZLIE, YHIE, YLIE, XHIE and HLIE bits of the INTx_CFG register select on which
axis the interrupt decision must be performed, and in which direction the threshold must be
exceeded to generate the interrupt request.
Figure 8.
Free-fall, wake-up interrupt generator
The threshold module which is used by the system to detect free-fall or inertial wake-up
events is defined by the INTx_THS registers. The threshold value is expressed over 7 bits as
an unsigned number and is symmetrical around the zero-g level. XH (YH, ZH) is true when
the unsigned acceleration value of the X (Y, Z) channel is higher than INTx_THS. Similarly,
XL, (YL, ZL) low is true when the unsigned acceleration value of the X (Y, Z) channel is
lower than INTx_THS. Refer to
Figure 9 for additional details.
THS reg
|b|>a?
|b|<a?
Accel_X
XHE
XLE
WU
FF
0
1
INTx_CFG(AOI)
|b|>a?
|b|<a?
YHE
YLE
|b|>a?
|b|<a?
ZHE
ZLE
Accel_Y
Accel_Z
0
1
INTx_CFG(AOI)
1
0
0
1
a
b
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com