Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2847 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 17Page - STMicroelectronics AN2847 Datasheet HTML 18Page - STMicroelectronics AN2847 Datasheet HTML 19Page - STMicroelectronics AN2847 Datasheet HTML 20Page - STMicroelectronics AN2847 Datasheet HTML 21Page - STMicroelectronics AN2847 Datasheet HTML 22Page - STMicroelectronics AN2847 Datasheet HTML 23Page - STMicroelectronics AN2847 Datasheet HTML 24Page - STMicroelectronics AN2847 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN2847
Interrupt generation
Doc ID 15136 Rev 2
21/31
5.2
Threshold
Threshold registers define the reference accelerations used by the interrupt generation
circuitry. The value of 1LSB of these 7-bit registers depends on the selected full scale
(
Table 18).
5.3
Free-fall and wake-up interrupts
The LIS331DLH interrupt signals can behave as free-fall, wake-up or 6D orientation
detection. When an interrupt condition is verified, the interrupt signal is generated and by
reading the INT1_SRC and INT2_SRC registers it is possible to determine which condition
has occurred.
The Free-Fall signal (FF) and Wake-Up signal (WU) interrupt generation block is
represented in
Figure 8.
FF or WU interrupt generation is selected through the AOI bit in INTx_CFG register. If the
AOI bit is ‘0’, signals coming from comparators are put in logical “OR”. Depending on the
values written in the INT1_CFG register, every time the value of at least one of the enabled
axes exceeds the threshold written in module in INTx_THS registers, a WU interrupt is
generated. Otherwise, if the AOI bit is ‘1’, signals coming from the comparators go into a
“NAND” port. In this case, an interrupt signal is generated only if all the enabled axes
exceed the threshold written in the INTx_THS register.
The LIRx bits of the CTRL_REG3 can be used to determine whether or not the interrupt
request must be latched. If the LIRx bit is ‘0’ (default value), the interrupt signal goes high
when the interrupt condition is satisfied and immediately returns low if the interrupt condition
is no longer verified. Otherwise, if the LIRx bit is ‘1’, when an interrupt condition is applied,
the interrupt signal remains high even if the condition returns to a non-interrupt status, until
a reading of the INTx_SRC register is performed.
Table 17.
Duration LSB value in low power mode
ODR (Hz)
Duration LSB value (s)
0.5
2
11
20.5
50.2
10
0.1
Table 18.
Threshold LSB value
Full scale
Threshold LSB value (mg)
2~16
4~31
8~63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com