Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2934 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 9Page - STMicroelectronics AN2934 Datasheet HTML 10Page - STMicroelectronics AN2934 Datasheet HTML 11Page - STMicroelectronics AN2934 Datasheet HTML 12Page - STMicroelectronics AN2934 Datasheet HTML 13Page - STMicroelectronics AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics AN2934 Datasheet HTML 16Page - STMicroelectronics AN2934 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN2934
Pins and their functions
Doc ID 15394 Rev 1
13/27
Both figures show a ride-through from 115 Vac at a12 V/100 mA constant current load.
Figure 4 shows that the bulk voltage (yellow trace) can reach 45 Vdc before a glitch
becomes visible on the output (green trace). With the brownout pin active, we can see a
definite pulse shutdown at ~70 Vdc. The purple trace is the AC line. Note that one
contradicts the other: the higher the difference of input voltage, the longer the hold-up or
ride-through.
4.2
CONT pin
The CONT pin has multiple purposes. One of them is to reduce the output current or power.
A resistor can be set from this pin to ground to reduce the pulse-by-pulse current limit
according to Figure 16 "Current limit vs. Rlim" in the VIPER17 datasheet(a). This is useful
when lower power is needed and a smaller transformer is used as it prevents saturation of
the transformer. The results of this function can be seen in Figure 6. The function itself can
be activated by changing R3 on the VIPer17HN reference board. A second-level protection,
which latches the device if exceeded, ensures safety in the case of transformer or diode
shorts. If the VIPer17 detects a current pulse of 600 mA, it considers it to be a disturbance;
if it detects this disturbance two consecutive times, it interprets it as a hard short and shuts
down.
Another purpose of the CONT pin is overvoltage monitoring. A voltage over 3 V shuts down
the IC, reducing power consumption, which is useful for overvoltage sensing or if there is an
open component in the feedback loop caused by faulty soldering. This monitoring function
has been tested by paralleling a resistor with R9 to raise the output voltage. The unit went
into a "hiccup" mode at an output voltage of 18 V. The voltage limit can be adjusted as
needed by changing R14.
Figure 4.
165 ms ride-through
Figure 5.
128 ms ride-through
AM03421v1
AM03422v1
a.
Refer to the datasheet VIPER17: Off-line high voltage converters available on www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com