Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2934 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 17Page - STMicroelectronics AN2934 Datasheet HTML 18Page - STMicroelectronics AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics AN2934 Datasheet HTML 21Page - STMicroelectronics AN2934 Datasheet HTML 22Page - STMicroelectronics AN2934 Datasheet HTML 23Page - STMicroelectronics AN2934 Datasheet HTML 24Page - STMicroelectronics AN2934 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN2934
Comparison of EMI for single and dual output device with and without shield
Doc ID 15394 Rev 1
21/27
6
Comparison of EMI for single and dual output device
with and without shield
Figure 15.
Comparison of EMI for single output with and without shield
The readings in the above plot are of 3 max and hold (scanned three times, with the graph
displaying the highest reading).
The green trace is the dual output transformer with a wire shield and efficiency of 75.7%.
The blue trace is the dual output without shield but with an efficiency of 81.2%. The choice
has been made to go with the regular, non-shielded transformer since it is still 5 db under
the peak limit with better efficiency.
Figure 13.
Dual output with shielded
transformer
Figure 14.
Dual output without shielded
transformer
AM03427v1
AM03428v1
AM03429v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com