Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2934 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 18Page - STMicroelectronics AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics AN2934 Datasheet HTML 21Page - STMicroelectronics AN2934 Datasheet HTML 22Page - STMicroelectronics AN2934 Datasheet HTML 23Page - STMicroelectronics AN2934 Datasheet HTML 24Page - STMicroelectronics AN2934 Datasheet HTML 25Page - STMicroelectronics AN2934 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Comparison of EMI for single and dual output device with and without shield
AN2934
22/27
Doc ID 15394 Rev 1
6.1
Main switch waveforms
Figure 16 shows the MOSFET’s drain voltage and current waveforms for a minimum line of
85 V, and Figure 17 shows the waveforms at a high line of 264 V. Both measurements have
been taken at a full load of 12 V at 0.5 A.
6.2
Frequency jittering
Figure 18 shows the drain current and Vfb at maximum load. Jittering causes the drain
current and the feedback voltage to modulate with a triangular wave. If the power supply had
been operating at a fixed frequency, the drain current would be proportional to the output
power. If you compare three or more current waveforms, you can see that the middle one
stays still while the ones to the left and right tend to fluctuate from the middle. This indicates
that the switching frequency is being modulated.
Figure 18.
Frequency jittering
Figure 16.
85 V
Figure 17.
264 V
AM03430v1
AM03431v1
AM03432v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com