Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2983 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 10Page - STMicroelectronics AN2983 Datasheet HTML 11Page - STMicroelectronics AN2983 Datasheet HTML 12Page - STMicroelectronics AN2983 Datasheet HTML 13Page - STMicroelectronics AN2983 Datasheet HTML 14Page - STMicroelectronics AN2983 Datasheet HTML 15Page - STMicroelectronics AN2983 Datasheet HTML 16Page - STMicroelectronics AN2983 Datasheet HTML 17Page - STMicroelectronics AN2983 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Circuit description
AN2983
14/32
Doc ID 15679 Rev 1
Where, as already seen, the (nominal) LED peak current is:
Equation 23
On the other hand, if we fix I_Led_pk = 0 we can estimate the value of Va for which the LED
current is reduced to zero.
Equation 24
Equation 25
Equation 26
With our values of Ra = R19 = 10 k
Ω, and Rb = R14 = 1 kΩ, Equation 21 can be rewritten
as:
Equation 27
Equation 22
becomes:
Equation 28
And Equation 25:
Equation 29
In the plot shown in Figure 12 the LED current (I_Led) is expressed as a function of the trim
voltage V_trim (= Va) applied at the C_set module input, with the supply voltage (Vin) as
parameter (fixed at 36, 48 and 60 V).
As you can see, the linearity is quite good for currents in the range of 400 to 75 mA and
voltages in the range 0... 10 V, while with V_trim from 10 to 12 V the current still decreases
down to zero, but with some non-linearity.
This is due to the fact that the LED diodes are a non-linear load and their behavior at low
current levels may change from one device to another.
Another point that has to be taken into account is that when the average current is reduced,
the minimum LED current is reduced to zero, causing the converter to change from
continuous conduction mode (CCM) to discontinuous conduction mode (DCM) operation.
Vth
*
Rs
1
)
nom
(
pk
_
Led
_
I
⎟
⎠
⎞
⎜
⎝
⎛
=
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛
=
Ra
Rb
*
Va
Ra
Rb
Ra
*
Vth
*
Rs
1
0
⎟
⎠
⎞
⎜
⎝
⎛
+
=
⎟
⎠
⎞
⎜
⎝
⎛
Ra
Rb
Ra
*
Vth
Ra
Rb
*
Va
⎟
⎠
⎞
⎜
⎝
⎛
+
=
Rb
Rb
Ra
*
Vth
Va
()
( )
[]
Va
*
1
.
0
Vth
*
1
.
1
*
Rs
1
pk
_
Led
_
I
−
⎟
⎠
⎞
⎜
⎝
⎛
=
( )1
.
1
*
)
nom
(
pk
_
Led
_
I
(max)
pk
_
Led
_
I
=
( )
11
*
Vth
Va
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com