Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2983 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 24Page - STMicroelectronics AN2983 Datasheet HTML 25Page - STMicroelectronics AN2983 Datasheet HTML 26Page - STMicroelectronics AN2983 Datasheet HTML 27Page - STMicroelectronics AN2983 Datasheet HTML 28Page - STMicroelectronics AN2983 Datasheet HTML 29Page - STMicroelectronics AN2983 Datasheet HTML 30Page - STMicroelectronics AN2983 Datasheet HTML 31Page - STMicroelectronics AN2983 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Electrical schematic and bill of materials
AN2983
28/32
Doc ID 15679 Rev 1
Table 2.
EVL6562A-LED BOM
Item Qty
Reference
Part
PCB footprint
Notes
1
1
C1
0.22 µF 100VL
1812
2
3
C2,C3,C5
220 nF
805
31
C4
Not mounted
4
3
C6,C8,C9
100 pF
805
5
1
C7
220 pF
805
61
C10
820 pF
7
1
D1
MMSZ4690T1G
SOD-123
8
1
D2
MMSZ18T1G
SOD-123
9
1
D3
STPS2H100A
SMA
STMicroelectronics
10
6
D4,D5,D6,D7, D8,D9
BAS316
SOD-323
11
1
EXT C
0.22 µF
External jig
12
1
EXT LEDs
MLEDs
LEDs string
13
1
EXT P
POT 10 k
Ω multiturns
External jig
14
1
J1
Strip header, 10-pin,
90°, 2.54 mm pitch
15
1
L1
470 µH
Coilcraft MMS1260-474KLB
16
1
Q1
BCX56
SOT-89
17
1
Q2
STN3NF06
SOT-223
STMicroelectronics
18
1
Q3
BC846C
SOT-23
19
3
R1,R12,R19
10 k
Ω
805
20
1
R2
1 k
Ω
1206
21
1
R3
18 k
Ω
1206
22
3
R4,R5,R13
0
Ω
805
23
1
R6
220 k
Ω
805
24
1
R7
33 k
Ω
805
25
1
R8
1
Ω
805
26
1
R9
22 k
Ω
805
27
1
R10
10
Ω
805
28
1
R11
1.5 k
Ω
805
29
1
R14
1.0 k
Ω
805
30
2
R15,R16
5.6
Ω
1210
31
1
R17
100 k
Ω
805
32
1
R18
5.6 k
Ω
805
33
1
R20
68 k
Ω
805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com