Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2983 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 17Page - STMicroelectronics AN2983 Datasheet HTML 18Page - STMicroelectronics AN2983 Datasheet HTML 19Page - STMicroelectronics AN2983 Datasheet HTML 20Page - STMicroelectronics AN2983 Datasheet HTML 21Page - STMicroelectronics AN2983 Datasheet HTML 22Page - STMicroelectronics AN2983 Datasheet HTML 23Page - STMicroelectronics AN2983 Datasheet HTML 24Page - STMicroelectronics AN2983 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN2983
Circuit description
Doc ID 15679 Rev 1
21/32
2.7
Auxiliary power
The components for the auxiliary power supply are Q1, D2, C2, R2, R3, and R5.
This section is included as a commodity to reduce the main voltage (48 V nominal) to the
18 V required from the Vcc input of the L6562A controller, thus avoiding the use of another
power supply. It has been designed to work with input voltages in the range of 33 to 65 V, but
can be easily resized for different ranges.
Note that it is a linear regulator and that its efficiency is not very good. For this reason, in
real applications where multiple modules are employed, it is better to consider a solution
with an external supply common to all the modules.
Simply removing R2 and R5 disconnects the entire block and allows the power supply (Vcc)
to be provided from pin 5 of the header connector.
Figure 21.
Auxiliary power
Figure 19.
Dimming 90%
Figure 20.
Dimming 99%
CH(4) green: LED current [mA]
CH(1) red: gate drive output [V]
CH(3) purple: D_Dimm input [V]
CH(4) green: LED current [mA]
CH(1) red: gate drive output [V]
CH(3) purple: D_Dimm input [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com