Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2994 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 17Page - STMicroelectronics AN2994 Datasheet HTML 18Page - STMicroelectronics AN2994 Datasheet HTML 19Page - STMicroelectronics AN2994 Datasheet HTML 20Page - STMicroelectronics AN2994 Datasheet HTML 21Page - STMicroelectronics AN2994 Datasheet HTML 22Page - STMicroelectronics AN2994 Datasheet HTML 23Page - STMicroelectronics AN2994 Datasheet HTML 24Page - STMicroelectronics AN2994 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AN2994
Test results and significant waveforms
Doc ID 15796 Rev 2
21/38
2.6
Start-up at light loads
The board, as it is, is able to properly handle an output load as low as 12 W. With lower load
levels, the system will not start up correctly at high lines because burst pulses last so long
that the Vcc voltage drops below the UVLO of the L6563S. In such conditions, if the load
increases suddenly, the PFC output voltage will drop until the IC resumes normal operation.
When the L6563S is supplied from an external source (typically, it is the auxiliary voltage
that powers the controller of the downstream converter or an auxiliary power supply), the
minimum load that can be handled properly goes to virtually zero. The start-up behavior at
the minimum load (12 W) is reported in Figure 32. It can be noted that the self-supply circuit
connected to the auxiliary winding of the inductor is working properly.
Figure 33 shows the circuit start-up at no load, with the L6563S powered by an external Vcc
(15 V). The PFC regulates the output voltage perfectly.
Figure 32.
EVL6563S-400W start-up
at 265 V, 50 Hz, 30 mA load
Figure 33.
EVL6563S-400W start-up at 265 V,
50 Hz, no load and with external
Vcc
CH1: Q1/Q2 drain voltage
CH1: Q1/Q2 drain voltage
CH2: Output voltage
CH2: Output voltage
CH3: Pin #13 - gate drive
CH3: Pin #13 - gate drive
CH4: Pin #14 - Vcc voltage
CH4: Pin #14 - Vcc voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com