Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2994 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 27Page - STMicroelectronics AN2994 Datasheet HTML 28Page - STMicroelectronics AN2994 Datasheet HTML 29Page - STMicroelectronics AN2994 Datasheet HTML 30Page - STMicroelectronics AN2994 Datasheet HTML 31Page - STMicroelectronics AN2994 Datasheet HTML 32Page - STMicroelectronics AN2994 Datasheet HTML 33Page - STMicroelectronics AN2994 Datasheet HTML 34Page - STMicroelectronics AN2994 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
AN2994
Bill of materials
Doc ID 15796 Rev 2
31/38
7
Bill of materials
Table 2.
Bill of materials for the EVL6563S-400W demonstration board
Ref.
Des.
Part type/part
value
Case/
package
Description
Supplier
C1
470 nF - X2
DWG
X2 film capacitor R46-I 3470--M1-
Arcotronics
C10
18N
1206
100 V SMD cercap - general-purpose
AVX
C11
470 nF/50 V
1206
50 V SMD cercap - general-purpose
AVX
C12
68 uF/50 V
DIA6.3X11
Aluminium elcap - FC series - 105 °C
Panasonic
C13
100 nF
0805
50 V SMD cercap - general-purpose
AVX
C14
1 uF
1206
50 V SMD cercap - general- purpose
AVX
C15
100 pF
0805
50 V SMD cercap - general-purpose
AVX
C16
220 pF
0805
50 V SMD cercap - general-purpose
AVX
C17
10 nF
0805
50 V SMD cercap - general-purpose
AVX
C18
1 uF
1206
25 V SMD cercap - general-purpose
AVX
C19
2 nF 2
0805
50 V SMD cercap - general-purpose
AVX
C2
470 nF - X2
DWG
X2 film capacitor R46-I 3470--M1-
Arcotronics
C20
330 pF
0805
50 V smd cercap - general-purpose
AVX
C21
10 nF
1206
50 V smd cercap - general-purpose
AVX
C3
680 nF - X2
DWG
X2 film capacitor R46-I 3680--M1-
Arcotronics
C4
470 nF - 630 V
DWG
Film capacitor MKP - B32653A6474J
EPCOS
C5
470 nF - 630 V
DWG
Film capacitor MKP - B32653A6474J
EPCOS
C6
470 nF - 630 V
DWG
Film capacitor MKP- B32653A6474J
EPCOS
C7
330 uF - 450 V
DIA35x35
Aluminium elcap - LLS series - 85 °C
Nichicon
D1
1N5406
DO-201
STD recovery rectifier
Vishay
D2
D15XB60
DWG
Rectifier bridge
Shindengen
D3
STTH8R06
TO-220FP
Ultrafast high voltage rectifier
STMicroelectronics
D4
LL4148
MINIMELF
Fast switching diode
VISHAY
D5
BZX85-C15
MINIMELF
Zener diode
VISHAY
D6
LL4148
MINIMELF
Fast switching diode
VISHAY
D7
LL4148
MINIMELF
Fast switching diode
VISHAY
D8
LL4148
MINIMELF
Fast switching diode
VISHAY
F1
8 A/250 V
5x20MM
8 A mains input fuse
Wickmann
J1
3-pin conn. (central rem.) P 3.96 KK series
Molex
J2
5-pin conn. (central rem.) P 3.96 KK series
Molex
JP101
Jumper
Wire jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com