Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2994 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 28Page - STMicroelectronics AN2994 Datasheet HTML 29Page - STMicroelectronics AN2994 Datasheet HTML 30Page - STMicroelectronics AN2994 Datasheet HTML 31Page - STMicroelectronics AN2994 Datasheet HTML 32Page - STMicroelectronics AN2994 Datasheet HTML 33Page - STMicroelectronics AN2994 Datasheet HTML 34Page - STMicroelectronics AN2994 Datasheet HTML 35Page - STMicroelectronics AN2994 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Bill of materials
AN2994
32/38
Doc ID 15796 Rev 2
Ref.
Des.
Part type/
Part value
Case/
package
Description
Supplier
JP102
JUMPER
Wire jumper
L1
1.5 mH - 5 A
DWG
CM choke - LFR2205B
Delta electronics
L3
DM - 51 uH - 6 A
DWG
Filter inductor - LSR2306-1
Delta electronics
L4
PQ40 - 500 uH
DWG
PFC inductor - 86H-5410B
Delta electronics
Q1
STP12NM50FP
TO-220FP
N-channel power MOSFET
STMicroelectronics
Q2
STP12NM50FP
TO-220FP
N-channel power MOSFET
STMicroelectronics
Q3
BC857C
SOT-23
Small signal BJT - PNP
Vishay
R1
1M5
AXIAL
HV resistor
BC components
R10
680k
1206
SMD STD film res - 1% - 250 ppm/°C
BC components
R11
680k
1206
SMD STD film res - 1% - 250 ppm/°C
BC components
R12
82K
0805
SMD STD film res - 1% - 250 ppm/°C
BC components
R13
15k
0805
SMD STD film res - 1% - 250 ppm/°C
BC components
R14
56k
0805
SMD STD film res - 5% - 250 ppm/°C
BC components
R15
3K3
0805
SMD STD film res - 1% - 100 ppm/°C
BC components
R16
15K
0805
SMD STD film res - 1% - 100 ppm/°C
BC components
R17
6R8
0805
SMD STD film res - 5% - 250 ppm/°C
BC components
R18
6R8
0805
SMD STD film res - 5% - 250 ppm/°C
BC components
R19
1K0
1206
SMD STD film res - 5% - 250 ppm/°C
BC components
R2
NTC 2R5-S237
DWG
NTC resistor 2R5 S237
EPCOS
R20
0R39 - 1 W
AXIAL
Axial res - 5% - 250ppm/°C
BC components
R21
0R39 - 1 W
AXIAL
Axial res - 5% - 250 ppm/°C
BC components
R22
0R39 - 1 W
AXIAL
Axial res - 5% - 250 ppm/°C
BC components
R23
0R39 - 1 W
AXIAL
Axial res - 5% - 250 ppm/°C
BC components
R24
36k
0805
SMD STD film res - 5% - 250 ppm/°C
BC components
R26
56k
1206
SMD STD film res - 1% - 250 ppm/°C
BC components
R27
1M0
0805
SMD STD film res - 1% - 100 ppm/°C
BC components
R3
150K
1206
SMD STD film res - 5% - 250 ppm/°C
BC components
R31
1k5
0805
SMD STD film res - 1% - 100 ppm/°C
BC components
R32
620k
1206
SMD STD film res - 5% - 250 ppm/°C
BC components
R33
620k
1206
SMD STD film res - 5% - 250 ppm/°C
BC components
R34
10k
1206
SMD STD film res - 5% - 250 ppm/°C
BC components
R35
3R9
0805
SMD STD film res - 5% - 250 ppm/°C
BC components
R36
3R9
0805
SMD STD film res - 5% - 250 ppm/°C
BC components
R4
150K
1206
SMD STD film res - 5% - 250 ppm/°C
BC components
Table 2.
Bill of materials for the EVL6563S-400W demonstration board (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com