Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3028 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 10Page - STMicroelectronics AN3028 Datasheet HTML 11Page - STMicroelectronics AN3028 Datasheet HTML 12Page - STMicroelectronics AN3028 Datasheet HTML 13Page - STMicroelectronics AN3028 Datasheet HTML 14Page - STMicroelectronics AN3028 Datasheet HTML 15Page - STMicroelectronics AN3028 Datasheet HTML 16Page - STMicroelectronics AN3028 Datasheet HTML 17Page - STMicroelectronics AN3028 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Burst mode and output voltage ripple
AN3028
14/37
Doc ID 16135 Rev 1
6
Burst mode and output voltage ripple
When the converter is lightly loaded, the COMP pin voltage decreases. As it reaches the
shutdown threshold, VCOMPL (1.1 V, typical), the switching is disabled and no more energy is
transferred to the secondary side. So, the output voltage decreases and the regulation loop
makes the COMP pin voltage increase again. As it rises 40mV above the VCOMPL threshold,
the normal switching operation is resumed. This results in a controlled on/off operation
(referred to as “burst mode) as long as the output power is low enough to require a turn-on
time lower than the minimum turn-on time of the VIPer16LN. This mode of operation keeps
the frequency-related losses low when the load is very light or disconnected, making it
easier to comply with energy-saving regulations.
The figures below show the output voltage ripple when the converter is not loaded or lightly
loaded and supplied with 115 VAC and with 230 VAC respectively.
Table 6
shows the measured value of the burst mode frequency ripple measured in different
operating conditions. The output voltage ripple in burst mode operation is very low.
Figure 14.
Output voltage ripple at 115 VINAC
no load
Figure 15.
Output voltage ripple at 230 VINAC
no load
Figure 16.
Output voltage ripple at 115VINAC
25 mA
Figure 17.
Output voltage ripple at 230VINAC
25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com