Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3028 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 24Page - STMicroelectronics AN3028 Datasheet HTML 25Page - STMicroelectronics AN3028 Datasheet HTML 26Page - STMicroelectronics AN3028 Datasheet HTML 27Page - STMicroelectronics AN3028 Datasheet HTML 28Page - STMicroelectronics AN3028 Datasheet HTML 29Page - STMicroelectronics AN3028 Datasheet HTML 30Page - STMicroelectronics AN3028 Datasheet HTML 31Page - STMicroelectronics AN3028 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Thermal measurements
AN3028
28/37
Doc ID 16135 Rev 1
9
Thermal measurements
A thermal analysis of the board has been performed using an IR camera for the 115 VAC
mains input, full-load condition, both with and without the self-supply function. The results
are shown in Figure 29 and 30 and summarized inTable 17.
It is worth noting that when the self-supply function is used, the VIPer16LN temperature is
higher, due to the power dissipated by the HV startup generator.
Figure 29.
Thermal measurements at 115Vac,
no self-supply
Figure 30.
Thermal measurements at 115Vac,
self-supply
A
53.0°C
B
44.8°C
C
42.5°C
D
25.6°C
°C
74.7
68.5
62.2
56.0
49.7
43.4
37.2
30.9
24.6
A
63.5°C
B
45.0°C
C
41.7°C
D
24.4°C
°C
74.7
68.5
62.2
56.0
49.7
43.4
37.2
30.9
24.6
Table 17.
Temperature of key components at 115 Vac full load
Point
Temperature [°C]
Reference
Without self-supply
With self-supply
A
44.8
45.8
Transformer
B
42.5
41.7
Output diode
C
53.0
63.5
VIPer16LN
D
25.6
24.4
Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com