Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3028 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 17Page - STMicroelectronics AN3028 Datasheet HTML 18Page - STMicroelectronics AN3028 Datasheet HTML 19Page - STMicroelectronics AN3028 Datasheet HTML 20Page - STMicroelectronics AN3028 Datasheet HTML 21Page - STMicroelectronics AN3028 Datasheet HTML 22Page - STMicroelectronics AN3028 Datasheet HTML 23Page - STMicroelectronics AN3028 Datasheet HTML 24Page - STMicroelectronics AN3028 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN3028
Burst mode and output voltage ripple
Doc ID 16135 Rev 1
21/37
The input power vs. input voltage for no-load and low-load condition (Table 12, 14 and 15)
are shown in the figures below.
Depending on the equipment supplied, we can have several criteria to measure the standby
or light-load performance of a converter. One criterion is the measure of the output power
when the input power is equal to one watt. In Table 16 the output power needed to have 1 W
of input power in different line conditions is given. Figure 24 shows the output power
corresponding to PIN = 1 W for different values of the input voltage.
Table 15.
Low-load performance, POUT = 50 mW
VIN_AC
POUT (mW)
PIN (mW)
efficiency (%)
Without
self-supply
With
self-supply
Without
self-supply
With
self-supply
90
50
91
161
54.55
31.09
115
50
94
187
52.98
26.74
150
50
100
224
50.00
22.30
180
50
100
252
50.00
19.84
230
50
102
300
48.88
16.67
265
50
105
335
47.62
14.95
Figure 23.
PIN vs. VIN at POUT = 0; 25 mW; 50 mW
a) without self-supply (J2 selected)
b) with self-supply (J and J2 not selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com