Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3032 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 9Page - STMicroelectronics AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics AN3032 Datasheet HTML 15Page - STMicroelectronics AN3032 Datasheet HTML 16Page - STMicroelectronics AN3032 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN3032
Ballast design
Doc ID 16165 Rev 2
13/26
3.2.4
Power MOSFET
The choice of MOSFET relates mainly to its RDS(on), which depends on the output power
and its breakdown voltage, the latter being fixed by the output voltage Vbuspfc = 420 V only,
plus the overvoltage
ΔV
OVPpfc = 60 V allowed, and a safety margin.
The MOSFET's power dissipation depends on the conduction and switching losses.
Assuming maximum total power losses PlossesAdm = 1%, PoutTOT = 1.16 W, it is easy to
verify that with the MDmeshTM V Power MOSFET STP16N65M5, the estimated total
MOSFET power losses PlossesEst are about = 0.7 W (worst case) and that this was the
correct choice. To better dissipate the power losses, we have added a small heatsink.
3.2.5
Boost diode
The boost freewheeling diode is a fast recovery one. The breakdown voltage is fixed with the
same criterion as the MOSFET. The value of its DC and RMS current, needed to choose the
current rating of the diode, are reported.
Equation 17
Since the PFC works in transition mode, we have used the Turbo 2 ultrafast high-voltage
rectifier STTH3L06.
3.3
Design of the half bridge inverter
According to the criteria described in AN993 chapter 5 (design tips) with regard to the
design of the resonant circuit, the following values have been selected.
For Lres = L1 = L2 = 1.8 mH, we have used the inductor 1646-0006 manufactured by
MAGNETICA.
A second-generation MDmeshTM power MOSFET STD10NM60N has been inserted in the
half-bridge section to reduce the power losses.
A
276
.
0
V
P
I
BUSpfc
outTOT
dc
2
D
=
=
A
78
.
0
V
V
9
2
4
I
2
2
I
BUSpfc
inrmsMin
INrmsMax
rms
2
D
=
π
=
L
res
L
1
L
2
1.8 mH
=
=
=
C
res
C
9
C
14
10 nF 1600 V
,
=
=
=
C
block
C
12
C
15
100 nF 400 V
,
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com