Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3032 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 18Page - STMicroelectronics AN3032 Datasheet HTML 19Page - STMicroelectronics AN3032 Datasheet HTML 20Page - STMicroelectronics AN3032 Datasheet HTML 21Page - STMicroelectronics AN3032 Datasheet HTML 22Page - STMicroelectronics AN3032 Datasheet HTML 23Page - STMicroelectronics AN3032 Datasheet HTML 24Page - STMicroelectronics AN3032 Datasheet HTML 25Page - STMicroelectronics AN3032 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AN3032
Bill of materials
Doc ID 16165 Rev 2
23/26
D8
LL4148, 75 V,
750 mV
Switching diode
SOD-80
Diotec
601496
Distrelec
D9
16 V, 500 mW
Voltage
regulator diode
SOD80C
508-668
RS
D10
1N4007, 1000
V, 1 A
DO41
Digi-Key
2802329-ND
Distrelec
D11
BAT46Z,
100 V/150 mA
Small signal
Schottky diode
SOD323
STMicroelectronics
BAT46JFILM
D13, D15
10 V, 500 mW
Voltage
regulator diode
SOD123
545-3128
RS
D14, D16
5.1 V, 500 mW
Voltage
regulator diode
SOD80C
508-674
RS
F1
3 A
377-2180
RS
J1
CON3, 500 V,
32 A
189-5972
RS
Lamp1,la
mp2
T8 lamp1
250 V/ 12 A,
58 W
Wago
739-104
Any
LPFC1
0.5 mH, 1.8 A
MAGNETICA
1986.0002
LPFC2
2 x 47 mH,
250 V, 1.3 A
EPCOS
B82734R2
132B030
L1,L2
1.8 mH, 0.7 A
MAGNETICA
1646.0006
Q2,Q4
STD10NM60N
N-channel 600
V, 0.56
Ω,7 A
MDmes™II
Power MOSFET
DPAK
STMicroelectronics
STD10NM60N
Heatsink
for Q3
ELCART
Q3
STP16N65M5
+ heatsink
TO-220
STMicroelectronics
STP16N65M5
R15
750 k
Ω, 5%, 1/8
W
SMD 0805
Any
R5,R9
1 M
Ω, 5%,
1/4 W
SMD 1206
Any
R6,R11
1.5 M
Ω, 5%, 1/4
W
SMD 1206
Any
R7,R12
910 k
Ω, 5%, 1/4
W
SMD 1206
Any
R10
6.8 k
Ω, 5%,
1/4 W
SMD 1206
Any
Table 4.
2 x 58 W bill of materials (continued)
Ref.
Value
Type
Package
Manufacturer
Manuf. code
RS
distrelec
other
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com