Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3032 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 18Page - STMicroelectronics AN3032 Datasheet HTML 19Page - STMicroelectronics AN3032 Datasheet HTML 20Page - STMicroelectronics AN3032 Datasheet HTML 21Page - STMicroelectronics AN3032 Datasheet HTML 22Page - STMicroelectronics AN3032 Datasheet HTML 23Page - STMicroelectronics AN3032 Datasheet HTML 24Page - STMicroelectronics AN3032 Datasheet HTML 25Page - STMicroelectronics AN3032 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Bill of materials
AN3032
22/26
Doc ID 16165 Rev 2
7
Bill of materials
Table 4.
2 x 58 W bill of materials
Ref.
Value
Type
Package
Manufacturer
Manuf. code
RS
distrelec
other
code
C1
450 V, 47 µF,
20%
Electrolytic
TH radial
EPCOS
B43851F5476M000
C2
25 V, 560 nF
SMD 0805
Any
C3
25 V, 33 nF
SMD 0805
Any
C4
305 Vac,
470
nF, 10%
Polypropylene
TH radial
EPCOS
B32923C3474K
000
C5
25 V, 1 nF
COG ceramic
SMD 0805
Any
C6
25 V, 390 nF
X7R ceramic
SMD 0805
Any
C7
25 V, 1 µF
SMD 0805
Any
C8
25 V, 10 nF
SMD 0805
Any
C9,C14
1600 V, 10 nF,
5%
Polypropylene
TH radial
EPCOS
B32653A1103J
000
C10, C11
305 Vac,
470
nF, 10%
Polypropylene
TH radial
EPCOS
B32923C3474K
000
C13
50 V, 100 nF
SMD 1206
Any
C16
630 V, 1 nF
Polypropylene
TH pith 5 mm
WIMA
823242
Distrelec
C17
50 V, 4.7 µF
Electrolytic
TH radial
228-6868
RS
Lead spacing
2.5
Φ 5xh11
C18
50 V, 100 nF
SMD 0805
Any
C20
250 Vac, 1 nF
TH radial
214-5896
RS
C21
630 V, 100 nF
TH radial
WIMA
822256
Distrelec
C25
25 V, 10 pF
SMD 0805
Any
C26, C27
50 V, 22 pF
SMD 0805
Any
C28, C29
400 V, 100 nF,
10%
Polyester
TH pith 10
mm
EPCOS
B32561J6104K
000
C30
220 pF, 25 V
SMD 1206
Any
D2
600 V, 3 A
Turbo 2
Ultrafast high
volt rectifier
DO-201AD
ST
STTH3L06
D17
FBI3.7M1M
1M1
FAGOR
FBI3.7M1M 1M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com