Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3040 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 9Page - STMicroelectronics AN3040 Datasheet HTML 10Page - STMicroelectronics AN3040 Datasheet HTML 11Page - STMicroelectronics AN3040 Datasheet HTML 12Page - STMicroelectronics AN3040 Datasheet HTML 13Page - STMicroelectronics AN3040 Datasheet HTML 14Page - STMicroelectronics AN3040 Datasheet HTML 15Page - STMicroelectronics AN3040 Datasheet HTML 16Page - STMicroelectronics AN3040 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN3040
Ballast design
Doc ID 16181 Rev 2
13/27
To margin from fmin pfc we have set fpfc to 38 kHz. In this condition, the lower value for the
inductor is determined by Vinrms = VinrmsMin and the result Lpfc = 0.8 mH with (as stated in
the PFCS pin description) a minimum ILmax of 3 A and a maximum ILmax of 5 A (using the
inductor 1646-0004 manufactured by MAGNETICA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com