Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3040 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 19Page - STMicroelectronics AN3040 Datasheet HTML 20Page - STMicroelectronics AN3040 Datasheet HTML 21Page - STMicroelectronics AN3040 Datasheet HTML 22Page - STMicroelectronics AN3040 Datasheet HTML 23Page - STMicroelectronics AN3040 Datasheet HTML 24Page - STMicroelectronics AN3040 Datasheet HTML 25Page - STMicroelectronics AN3040 Datasheet HTML 26Page - STMicroelectronics AN3040 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN3040
Bill of materials
Doc ID 16181 Rev 2
23/27
D7, D8
75 V, 150 mA,
LL4148
Switching
Diode
SOD-80
DIOTEC
601496
Distrelec
D9
16 V, 500 mW
voltage
regulator
diode
SOD-80
General
semiconductor
600819
Distrelec
D11,D12
100 V, 100 mA,
TMMBAT41
Small signal
Schottky diode
SOD323
STMicroelectronics
D16, D18
5.1 V, 500 mW
voltage
regulator
diode
SOD80C
508-674
RS
D17, D19
10 V, 500 mW
voltage
regulator
diode
SOD123
545-3128
RS
F1
3 A
377-2180
RS
J1
500 V, 32 A,
CON3
189-5972
RS
Lamp1,la
mp2-
lamp3,la
mp4
T8 lamp 1, 18 W
141429
Distrelec
LPFC1
1 A, 8 mH
MAGNETICA
1646-0004
Lpreh1,L
preh2
250 V, 1.4 A,
10 mH
Lead spacing
10x12.5
(mm)
EPCOS
B82732R2142B030
L1,L2
0.5 A, 2.2 mH
MAGNETICA
1646.005
Lc
250 V, 1.3 A,
2 x 47 mH
Lead spacing
15x12.5
(mm)
EPCOS
B82734R2132B030
Q2,Q4
STD7N52K3
N-channel 525
V, 0.84
Ω, 6.2
A
SuperMESH3
power
MOSFET
DPAK
STMicroelectronics
STD7N52K3
Q3
STD14NM50N
N-channel,
500 V,
0.246
Ω, 12 A,
MDmesh II
power
MOSFET
DPAK
STMicroelectronics
STD14NM50N
R5
750 k
Ω, 5%,
1/4 W
TH radial
Any
Table 4.
4 x 18 W T8 bill of materials (continued)
Ref.
Value
Type
Package
Manufacturer
Manuf. code
RS
Distrelec
other
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com