Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3040 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3040
Description  This application note describes a demonstration board able to drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3040 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3040 Datasheet HTML 18Page - STMicroelectronics AN3040 Datasheet HTML 19Page - STMicroelectronics AN3040 Datasheet HTML 20Page - STMicroelectronics AN3040 Datasheet HTML 21Page - STMicroelectronics AN3040 Datasheet HTML 22Page - STMicroelectronics AN3040 Datasheet HTML 23Page - STMicroelectronics AN3040 Datasheet HTML 24Page - STMicroelectronics AN3040 Datasheet HTML 25Page - STMicroelectronics AN3040 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Bill of materials
AN3040
22/27
Doc ID 16181 Rev 2
6
Bill of materials
Table 4.
4 x 18 W T8 bill of materials
Ref.
Value
Type
Package
Manufacturer
Manuf. code
RS
Distrelec
other
code
C1
450 V, 33 µF,
20%
Electrolytic
TH radial
EPCOS
B43851F5336M000
C2
25 V, 560 nF
Ceramic
SMD 0805
Any
C3
25 V, 33 nF
Ceramic
SMD 0805
Any
C4
630 V, 680 nF,
10%
Polyester
TH radial
EPCOS
B32524Q8684K00
0
C5
25 V, 1 nF, 5%
COG ceramic
SMD 0805
Any
C6
25 V, 330 nF,
10%
X7R ceramic
SMD 0805
Any
C7
25 V, 1µF, 10%
Ceramic
SMD 0805
Any
C8
25 V, 10 nF, 10%
Ceramic
SMD 0805
Any
C9,C14
2000 V, 4.7 nF,
5%
Polypropylene
TH Radial
EPCOS
B32672L8472J000
C10,C11
305 VAC x 2,
220 nF, 10%
Polypropylene
TH Radial
EPCOS
B32922C3224K000
C12,C15
400 V, 100 nF,
10%
Polyester
TH Radial
EPCOS
B32561J6104K000
C13
50 V, 100 nF
ceramic
SMD1206
Any
C16
630 V, 680 pF
Polypropylene
TH Radial
WIMA
823241
Distrelec
C17
50 V, 4.7 µF
Electrolytic
Lead spacing
2.5
Φ5xh11
TH Radial
C18
50 V, 100 nF
Ceramic
SMD 0805
Any
C20
250VAC Y1,
1 nF
TH Radial
214-5896
C22
630 V, 1 nF
Ceramic
EVOX RIFA
240-4836
RS
C25
Not mounted
SMD 0805
Any
C26,C27
25 V, 22 pF
SMD 0805
Any
D2
600 V, 1 A,
STTH1L06
Turbo 2
ultrafast high
volt rectifier
DO-41
STMicroelectronics
D3,D4,D
5,D6
1000 V, 1 A,
GF1M
DO-214BA
Vishay
6291123
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com