Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3302 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3302
Description  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics AN3302 Datasheet HTML 10Page - STMicroelectronics AN3302 Datasheet HTML 11Page - STMicroelectronics AN3302 Datasheet HTML 12Page - STMicroelectronics AN3302 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN3302
Test results
Doc ID 18163 Rev 1
9/13
3.2
Inductor selection
The inductor is the key passive component for switching converters. The inductor selection
must take the boundary conditions in which the converter works into consideration; for the
buck, the maximum input voltage, and for the boost, the minimum input voltage. The critical
inductance values are then obtained according to the following formulas:
for the step-down:
Equation 3
and for the step-up:
Equation 4
where:
FSW: switching frequency.
ΔI
L = the peak-to-peak inductor ripple current. As a rule of thumb, the peak-to-peak ripple
can be set at 20 % - 40 % of the output current for the step-down and can be set at 20 % -
40 % of the input current for the step-up.
The peak current of the inductor must be calculated as:
Equation 5
Equation 6
In addition to the inductance value, in order to avoid saturation, the maximum saturation
current of the inductor must be higher than that of the IPEAK.
3.3
Input and output capacitor selection
It is recommended to use ceramic capacitors with X5R or X7R dielectric and Iow ESR as
input and output capacitors in order to filter any disturbance present in the input line and to
obtain stable operation. The output capacitor is very important to satisfy the output voltage
ripple requirement.
(
)
L
SW
MAX
_
IN
OUT
MAX
_
IN
OUT
MIN
I
F
V
V
V
V
L
Δ
⋅
⋅
−
⋅
=
(
)
L
SW
OUT
MIN
_
IN
OUT
MIN
_
IN
MIN
I
F
V
V
V
V
L
Δ
⋅
⋅
−
⋅
=
()
(
)
L
F
V
2
V
V
V
8
.
0
I
I
SW
MAX
_
IN
OUT
MAX
_
IN
OUT
OUT
DOWN
STEP
PEAK
⋅
⋅
⋅
−
⋅
+
=
−
−
(
)
L
F
V
2
V
V
V
V
I
V
I
SW
OUT
MIN
_
IN
OUT
MIN
_
IN
MIN
_
IN
OUT
OUT
UP
STEP
PEAK
⋅
⋅
⋅
−
⋅
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⋅
η
⋅
=
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com