Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3302 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3302
Description  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3302 Datasheet HTML 1Page - STMicroelectronics AN3302 Datasheet HTML 2Page - STMicroelectronics AN3302 Datasheet HTML 3Page - STMicroelectronics AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN3302
Recommended PCB Iayout
Doc ID 18163 Rev 1
5/13
2.2
Programming the output voltage
The output voltage for the step-up (ch1) can be adjusted from 6.5 V up to 14 V by
connecting a resistor divider between the VOUT1 and GND, the middle point of the divider
must be connected to the FB1 pin, as shown in Figure 2.
The resistor divider should be chosen according to the following equation:
Equation 1
where VFB1 is programmable, by using S-wire protocol, in the range of 0.8 V to 1.25 V (see
Figure 11
).
It is recommended to use a resistor with a value in the range of 1 k
Ω to 50 kΩ. Lower values
may also be suitable, but increase current consumption.
For ch2 the device integrates the resistor divider needed to set the correct output voltage
(3.3 V). This allows to save 2 external components. The FB2 pin must be connected directly
to VOUT2.
The output voltage for ch3 can be adjusted from 0.8 V up to 94 % of the input voltage value
by connecting a resistor divider between the VOUT3 and GND, the middle point of the divider
must be connected to the FB3 pin, as shown in Figure 2.
The resistor divider should be chosen according to the following equation:
Equation 2
It is recommended to use a resistor with a value in the range of 1 k
Ω to 50 kΩ. Lower values
may also be suitable, but increase current consumption.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
=
1
R
R
V
V
2
1
1
FB
1
OUT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
=
1
R
R
V
V
4
3
3
FB
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com