Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3302 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3302
Description  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics AN3302 Datasheet HTML 10Page - STMicroelectronics AN3302 Datasheet HTML 11Page - STMicroelectronics AN3302 Datasheet HTML 12Page - STMicroelectronics AN3302 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN3302
Test results
Doc ID 18163 Rev 1
11/13
The resistance RDC and low saturation current of this inductor have a strong impact on
efficiency and output voltage ripple.
Output voltage ripple depends on output capacitor ESR and by increasing the voltage rating
of the capacitor, as suggested by the BOM list, the switching ripple is minimized.
Figure 15.
Efficiency
Figure 16.
Inductor peak current
STODD01 Step-UP Section
Step-Up BOM Comparison on ST Board
Efficiency vs Load Current
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
290
300
310
320
330
340
350
360
370
380
390
400
410
Load Current [mA]
VCC = 4V
VCC =4.5V
VCC = 5V
L
1=4.7µH (LPS6225-472MLB)
C
4=22µF (GRM32ER61C226KE20L)
L
1=4.7µH (low Isat current)
C
4=22µF (LMK212BJ2226MD)
STODD01 Step-UP Section
Step-Up BOM Comparison on ST Board
Efficiency vs Load Current
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
290
300
310
320
330
340
350
360
370
380
390
400
410
Load Current [mA]
VCC = 4V
VCC =4.5V
VCC = 5V
L
1=4.7µH (LPS6225-472MLB)
C
4=22µF (GRM32ER61C226KE20L)
L
1=4.7µH (low Isat current)
C
4=22µF (LMK212BJ2226MD)
STODD01 Step-UP Section
Step-Up BOM Comparison on ST Board
Inductor Current vs Load Current
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
290
300
310
320
330
340
350
360
370
380
390
400
410
Load Current [mA]
VCC = 4V
VCC =4.5V
VCC = 5V
L
1=4.7µH (low Isat current )
C
4=22µF (LMK212BJ2226MD)
L
1=4.7µH (LPS6225-472MLB)
C
4=22µF (GRM32ER61C226KE20L)
STODD01 Step-UP Section
Step-Up BOM Comparison on ST Board
Inductor Current vs Load Current
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
290
300
310
320
330
340
350
360
370
380
390
400
410
Load Current [mA]
VCC = 4V
VCC =4.5V
VCC = 5V
L
1=4.7µH (low Isat current )
C
4=22µF (LMK212BJ2226MD)
L
1=4.7µH (LPS6225-472MLB)
C
4=22µF (GRM32ER61C226KE20L)
Figure 17.
Capacitive change vs. voltage C4
GRM32ER61C226KE20L
Figure 18.
Impedance/ESR characteristics C4
GRM32ER61C226KE20L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com