Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007X Datasheet(PDF) 1 Page - Linear Technology

Part # LT1007X
Description  Low Noise 200C Op Amp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007X Datasheet(HTML) 1 Page - Linear Technology

  LT1007X Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT1007X
1007Xfc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 1987
LT 0113 REV C • PRINTED IN USA
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Features
n
100% Tested at 200°C
n
Absolute Maximum Operating Temperature 225°C
n
Precision Specifications Over Extended
Temperature Range
n
Direct Replacement for OP-27 Series
Low Noise 200°C Op Amp
electrical characteristics Supply Voltage = ±15V. (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN/MAX
125°C
TYP
150°C
TYP
175°C
MIN/MAX
200°C
TYP
225°C
UNITS
VOS
Input Offset Voltage
VCM = 0
0.16
0.07
0.12
1.5
10
mV
IOS
Input Offset Current
VCM = 0
85
30
100
3000
5000
nA
IB
Bias Current
VCM = 0
95
50
750
12000
20000
nA
AV
Voltage Gain
VOUT = ±10V, RL = 2k
2000
4000
2500
100
20
V/mV
CMRR
Common Mode Rejection VCM = ±10V
104
117
114
100
94
dB
PSRR
Power Supply Rejection
VS = ±10V to ±15V
100
117
114
86
55
dB
VOUT
Output Voltage Swing
RL = 2k
VS – 3
VS – 2
VS – 2
VS – 3
VS – 3
V
IS
Supply Current
VOUT = 0
5.7
2.8
2.8
6
2.5
mA
ISC–
Short-Circuit Low
VOUT = 0
Min
20
17
5
9
mA
ISC+
Short-Circuit High
VOUT = 0
Min
17
14.5
5
5
mA
SR
Slew Rate
∆V = ±5V
1.2
1.1
0.7
0.8
V/µS
Note 1: Devices are 100% tested at 200°C ±3°C to the limits shown. Since
parameters change rapidly with temperature, devices are guaranteed at
190°C ±3°C and QA testing is done at 190°C ±3°C. For normal operating
temperature range specifications please see the LT1007M data sheet.
+
–
TOP VIEW
V+
VOS TRIM
VOS TRIM
NC
V –
8
7
6
5
3
2
1
4
H PACKAGE
METAL CAN
TJMAX = 225°C, θJA = 150°C/W
Pin conFiguration
order inFormation
ORDER PART NUMBER
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1007XH
LT1007XH
8-Lead TO-5 Metal Can
–55°C to 200°C
These parts are only available in SnPb finish.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/1007X


Similar Part No. - LT1007X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
logo
Analog Devices
LT1007X AD-LT1007X Datasheet
1Mb / 18P
±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
Rev. 0
logo
Linear Technology
LT1007XH LINER-LT1007XH Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
More results

Similar Description - LT1007X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
Ultra Low Noise Wideband Op Amp
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
Low Noise, Low Drift FET Op Amp
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
Low Noise Dual OP AMP
S4558P AUK-S4558P Datasheet
240Kb / 3P
Low Noise Dual OP AMP
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
Low Noise, Low Power Op Amp
2009
logo
National Semiconductor ...
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
ULTRA LOW NOISE WIDEBAND OP AMP
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
Low Noise Dual OP AMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com