Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4085 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4085
Description  STMicroelectronics has developed micro battery products
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4085 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4085 Datasheet HTML 5Page - STMicroelectronics AN4085 Datasheet HTML 6Page - STMicroelectronics AN4085 Datasheet HTML 7Page - STMicroelectronics AN4085 Datasheet HTML 8Page - STMicroelectronics AN4085 Datasheet HTML 9Page - STMicroelectronics AN4085 Datasheet HTML 10Page - STMicroelectronics AN4085 Datasheet HTML 11Page - STMicroelectronics AN4085 Datasheet HTML 12Page - STMicroelectronics AN4085 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID023052 Rev 2
9/16
AN4085
Discharging the EFL700A39 battery
16
3.3.1
Using EFL700A39 in stand-alone configuration
The EFL700A39 micro battery is able to withstand pulsed current discharges.
The Figure 7 shows a typical discharge curve for pulsed current discharge application with
following conditions applied on a stand-alone EFL700A39 battery:
•
“ON” state: tON = 100 ms, ION = 10 mA, cut-off voltage during pulse = 2.0 V
•
“OFF” state: tOFF = 900 ms, IOFF = 0 (no load current)
•
Tamb= 30 °C
Figure 7. EFL700A39 typical pulsed discharge curve
3.3.2
Using a buffer capacitor to increase the pulse current
For applications in which pulsed current levels are higher than 10 mA and/or in which
operating temperature are lower than 30 °C, it is required to add a buffer capacitor in parallel
with the EFL700A39 as shown in the Figure 8.
Figure 8. Buffer capacitor connection scheme
The buffer capacitor aims are to keep the battery in a safe operating area, to stabilize the
output voltage supplied to the application and also to avoid triggering the battery voltage
sense and disconnection circuit. In order to choose the most adapted buffer capacitor, we



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com