Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4085 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4085
Description  STMicroelectronics has developed micro battery products
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4085 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4085 Datasheet HTML 8Page - STMicroelectronics AN4085 Datasheet HTML 9Page - STMicroelectronics AN4085 Datasheet HTML 10Page - STMicroelectronics AN4085 Datasheet HTML 11Page - STMicroelectronics AN4085 Datasheet HTML 12Page - STMicroelectronics AN4085 Datasheet HTML 13Page - STMicroelectronics AN4085 Datasheet HTML 14Page - STMicroelectronics AN4085 Datasheet HTML 15Page - STMicroelectronics AN4085 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Available power management IC’s and tools
AN4085
12/16
DocID023052 Rev 2
4
Available power management IC’s and tools
4.1
STMicroelectronics SPV1050 IC’s
The SPV1050 is an ultra-low-power energy harvester and battery charger with embedded
MPPT and LDOs. Its main features are:
•
Thermoelectric generators and PV modules energy harvester
•
High efficiency for all harvesting sources, PV cells and TEG.
•
Up to 70 mA maximum battery current
•
Fully integrated buck-boost DC-DC converter 2.5 V to 5.3 V
•
Trimmable battery charge voltage level (± 1% accuracy) 2.1 V to 3.6 V
•
Trimmable battery discharge voltage level (± 1% accuracy)
•
Two fully independent LDOs (1.8 V and 3.3 V output)
•
Enable/disable LDO control pins
•
Battery disconnect function for battery protection
•
Battery connected and ongoing charge logic open drain indication pins
•
Programmable MPPT by external resistors
The product datasheet and additional information are available on STMicroelectronics web
site (http://www.st.com).
4.2
STMicroelectronics EFL700A39 evaluation boards
Two boards have been developed for training and supporting the design of the solid state
thin film battery EnFilm™ EFL700A39.
The Evaluation kit (Order Number: EFL700EVALKIT) allows to discover the operation of the
EFL700A39 and to monitor the voltage and the dynamic charge /discharge current in real
use-case condition.
The power management board (order number: EFL700PMB) is rather a design-in board
including all the necessary power management circuit around the EFL700A39 and can be
directly connected and used in the application for a fast evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com