Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4085 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4085
Description  STMicroelectronics has developed micro battery products
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4085 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4085 Datasheet HTML 1Page - STMicroelectronics AN4085 Datasheet HTML 2Page - STMicroelectronics AN4085 Datasheet HTML 3Page - STMicroelectronics AN4085 Datasheet HTML 4Page - STMicroelectronics AN4085 Datasheet HTML 5Page - STMicroelectronics AN4085 Datasheet HTML 6Page - STMicroelectronics AN4085 Datasheet HTML 7Page - STMicroelectronics AN4085 Datasheet HTML 8Page - STMicroelectronics AN4085 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID023052 Rev 2
5/16
AN4085
Discharging the EFL700A39 battery
16
3
Discharging the EFL700A39 battery
3.1
Minimum discharge voltage
The cut-off voltage is the minimum open-circuit voltage (OCV) across the EnFilm battery.
Under DC conditions, when discharging with a constant current lower than 5 mA, the
EFL700A39 cut-off voltage value should never be lower than 3.0 V.
During a pulse current above 5 mA with a pulse duration lower than 100 ms, to compensate
the internal ohmic resistance of the EnFilm battery, the EFL700A39 voltage can decay
below 3.0 V. Nevertheless, this dynamic voltage drop shall remain above 2.0 V and the
battery cut-off voltage shall recover a minimum of 3.0 V after the pulse as shown in the
Figure 3.
Figure 3. Minimum discharge voltage
Below those minimum cut-off voltage values of 3.0 V under DC conditions and 2.0 V under
pulsed conditions, the EnFilm™ battery can be irretrievably damaged.
Battery charger devices integrating an over-discharge protection feature or any custom
discrete protection circuit can be used to secure the minimum battery discharge voltage.
3.2
Discharging with continuous current
3.2.1
Discharging characteristics
The Figure 4 shows the typical discharge characteristics of the EFL700A39 battery for
different discharge current values from 1 µA up to 5 mA. These battery discharge curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com