Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4159 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 9Page - STMicroelectronics AN4159 Datasheet HTML 10Page - STMicroelectronics AN4159 Datasheet HTML 11Page - STMicroelectronics AN4159 Datasheet HTML 12Page - STMicroelectronics AN4159 Datasheet HTML 13Page - STMicroelectronics AN4159 Datasheet HTML 14Page - STMicroelectronics AN4159 Datasheet HTML 15Page - STMicroelectronics AN4159 Datasheet HTML 16Page - STMicroelectronics AN4159 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN4159
Using the device step-by-step, from basic to advanced
Doc ID 023639 Rev 3
13/27
Examples 2:
ODRT=ODR Temperature=1 Hz
ODRP=ODR Pressure=1 Hz
Pavg=Pressure average=512
Tavg=Temperature Average=64
Icc=27.6 µA
When using one shot mode, the current consumption is equivalent to the current
consumption at 1 sample/Hz, during the conversion time. (see conversion time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com