Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4159 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 18Page - STMicroelectronics AN4159 Datasheet HTML 19Page - STMicroelectronics AN4159 Datasheet HTML 20Page - STMicroelectronics AN4159 Datasheet HTML 21Page - STMicroelectronics AN4159 Datasheet HTML 22Page - STMicroelectronics AN4159 Datasheet HTML 23Page - STMicroelectronics AN4159 Datasheet HTML 24Page - STMicroelectronics AN4159 Datasheet HTML 25Page - STMicroelectronics AN4159 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Software
AN4159
22/27
Doc ID 023639 Rev 3
Wake-up time from switch off to normal mode?
●
3.5 msec
Case 8:
What is the offset (variance) of absolute accuracy @ 10 °C (one of ST calibration
temperature) or 25 °C temperature?
●
LPS331AP absolute accuracy at 25 °C with one point calibration in ST fab is:
–
Max/Min = +/-1.8 mbar
–
This spread is bigger than what is possible to obtain at the end of the production
line because of the non ideality of the final test (noise, temperature etc.).
–
If performed at PCB level after soldering, the final accuracy is very high (in the
range of +/- 1 mbar total).
“How does ST define the soldering drift SPEC and what is the main factor impacting
soldering drift? And are there any guideline to reduce soldering drift?”
●
The soldering drift is a complex process and is not easy to identify the single root cause
of the soldering stress.
●
We define the soldering shift as the difference between the accuracy of the pressure
sensor before and after the soldering.
●
Soldering temperature profile is one of the major contributor to the soldering shift.
●
A well controlled temperature soldering profile that avoid peak temperature over the
max JEDEC spec can reduce the accuracy shift.
●
The guideline are the same already provided in the approval sheet and keeping the
temperature profile well controlled and do not exceed the max time at max temperature
and if possible in the lower part of the JEDEC specification.
“What is the absolute accuracy SPEC (0 °C ~ 0 °C) after quadratic compensation by AP
(application processor)?”
●
We confirm a typical accuracy of +/- 1mbar (in this case, it is the relative accuracy, it
means without the soldering shift)
“Regarding ‘Long term drift’, how many years can ST guarantee the absolute accuracy with
“Long term drift SPEC (+/- 1 mbar)?”
●
For 10 years.
Case 9:
“Will the device lifetime, calibration, accuracy or drift be negatively affected by temperature?”
●
We performed lifetime testing at low and high temperatures without any issues. Low
temperature is not an issue for the pressure sensor.
“Could the device be damaged by continual use below -20 °C?”
●
No.
“Will there be any power-up issues below -20 °C?”
●
No
“Is there a offset calibration method that is sufficiently robust?”
●
Difficult to answer, but other customers have successfully implemented this kind of
second order compensation to improve the accuracy under 0 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com