Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4159 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 17Page - STMicroelectronics AN4159 Datasheet HTML 18Page - STMicroelectronics AN4159 Datasheet HTML 19Page - STMicroelectronics AN4159 Datasheet HTML 20Page - STMicroelectronics AN4159 Datasheet HTML 21Page - STMicroelectronics AN4159 Datasheet HTML 22Page - STMicroelectronics AN4159 Datasheet HTML 23Page - STMicroelectronics AN4159 Datasheet HTML 24Page - STMicroelectronics AN4159 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN4159
Software
Doc ID 023639 Rev 3
21/27
“Is the absolute pressure accuracy +/- 1 mbar?”
When the LGA are calibrated in final test, yes, it is with absolute accuracy with +/-1 mb
“Registers DELTA_PRESS_xx are not mentioned in the mapping table, and are not well
defined, it is not clear how user has to manage this register (R/W?)”
From application point of view, we suggest not to touch these registers, as a S/W
subtract can be done at the host place, no matter where the S/W offset data is saved
These are R/W registers, which perform a H/W subtraction with the registers
DELTA_PRESS_xx when enabled by bit 1 of CTRL1_REG, before placing the final
result in P_OUT register.
“Is it possible to store the values in a permanent way (after switch off/on)? Any
recommendation on the way to realize calibration?”
The S/W offset changes with the weather: The sea level pressure is changing regularly
and in practice is a data coming from the web, so that at system point of view, keeping
this information in
The system non-volatile memory maybe the best option.
The pressure sensor has some free extra rewritable non-volatile memory bytes. This
NVM write option is only for ST-chosen users. It also requires that the VDD is 2.8 V or
higher. A sample reference source code can be provided under LUA.
Case 6:
“What is a recommended way to perform a manual soldering of the LGA package?”
Apply solder paste (e.g. ALPHA® OM-338-T) on the PCB solder pads using syringe
(air bubble free), and position the LGA accordingly, then, press it, make sure it is flat on
PCB, then heat up in the over using 260C JDEC profile.
First, remember that Hand solder is out of spec. Otherwise, coat your solder pad with
tin-lead, then use solder wick to flatten the solder ball, then put solder iron on the LGA
land marks to deposit solder on LGA pads. Then, position it, and use hot air gun to melt
both sides and get eutectic bonding (350 °C). This is not recommended. Hot air gun
must be spread around the LGA dynamically: Keep moving the air gun around the LGA.
Case 7:
“What is the consumption of the one shot read? For configuration at .04, 0.025 and
.02 mbar?”
One acquisition per second:
Accuracy = 0.04, current consumption = 25 µA
Accuracy = 0.025, current consumption = 27 µA
Accuracy = 0.025, current consumption = 30 µA
The power consumption is linear with the number of acquisition. It means that if they use
1/3 Hz the above numbers have to divide by 3:
One acquisition per 1/3 second:
Accuracy = 0.04, current consumption = 8.3 µA
Accuracy = 0.025, current consumption = 9 µA
Accuracy = 0.025, current consumption = 10 µA
Wake-up time from power-down to normal mode?
1 msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com