Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4163 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 9Page - STMicroelectronics AN4163 Datasheet HTML 10Page - STMicroelectronics AN4163 Datasheet HTML 11Page - STMicroelectronics AN4163 Datasheet HTML 12Page - STMicroelectronics AN4163 Datasheet HTML 13Page - STMicroelectronics AN4163 Datasheet HTML 14Page - STMicroelectronics AN4163 Datasheet HTML 15Page - STMicroelectronics AN4163 Datasheet HTML 16Page - STMicroelectronics AN4163 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID023658 Rev 2
13/33
AN4163
Test results and significant waveforms
33
To overcome this issue the device forces the PFC pre-regulator to process more energy
near the line voltage zero-crossings as compared to that commanded by the control loop.
This will result in both minimizing the time interval where energy transfer is lacking and fully
discharging the high-frequency filter capacitor after the bridge. Essentially, the circuit
artificially increases the ON-time of the power switch with a positive offset added to the
output of the multiplier in the proximity of the line voltage zero-crossings. This offset is
reduced as the instantaneous line voltage increases, so that it becomes negligible as the
line voltage moves toward the top of the sinusoid and it is modulated by the voltage on the
VFF pin, so as to have little offset at low line, where energy transfer at zero-crossings is
typically quite good, and a larger offset at high line where the energy transfer gets worse.
To derive maximum benefit from the THD optimizer circuit, the high-frequency filter
capacitors after the bridge rectifier should be minimized, compatible with EMI filtering
needs. A large capacitance, in fact, introduces a conduction dead-angle of the AC input
current in itself, thus reducing the effectiveness of the optimizer circuit.
2.3
Switching frequency and TIMER pin
With the L4984D the switching frequency is determined by a capacitor connected between
the TIMER pin and ground, charged by an accurate internal generator (ITIMER) of 156 A
(typ.) during the OFF-time, generating a voltage ramp. As shown in Figure 22 when the
voltage ramp on TIMER equals the voltage on the MULT pin, connected through a resistive
divider to the rectified mains to get a sinusoidal voltage reference, the OFF-time of the
power MOSFET is terminated, the gate driver (GD) pin is driven high and the ramp resets at
zero. The timing capacitor CT is then selected with the following formula described in the
L4984D datasheet:
Equation 1
where fSW is the switching frequency and kp the ratio of the resistive divider on the MULT
pin, calculated considering the maximum value of the multiplier input, that is the voltage
measured on the MULT pin at maximum mains voltage. The switching frequency fSW is not
constant but is modulated at twice the line frequency ripple 2fL appearing across the output
capacitor Cout, spreading the spectrum of the electrical noise injected back into the power
line and facilitating the compliance with conducted EMI emission regulations. The switching
frequency chosen for this design is around 70 kHz, so the capacitor on the TIMER pin
needed to obtain the desired frequency is:
Equation 2
An NP0 capacitor with commercial value of 680 pF has been selected for the TIMER
capacitor. For further details on the calculation procedure of the entire converter, please
refer to AN4149, “Designing a CCM PFC pre-regulator based on the L4984D”.
TIMER
T
Psw
I
C
kVout f
 
T
3
156 A
C
695pF
8 10
400V 70kHz





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com