Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4163 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 17Page - STMicroelectronics AN4163 Datasheet HTML 18Page - STMicroelectronics AN4163 Datasheet HTML 19Page - STMicroelectronics AN4163 Datasheet HTML 20Page - STMicroelectronics AN4163 Datasheet HTML 21Page - STMicroelectronics AN4163 Datasheet HTML 22Page - STMicroelectronics AN4163 Datasheet HTML 23Page - STMicroelectronics AN4163 Datasheet HTML 24Page - STMicroelectronics AN4163 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID023658 Rev 2
21/33
AN4163
Test results and significant waveforms
33
reaches 2.5 V when the output voltage exceeds a preset value, usually larger than the
maximum VOUT that can be expected, also including worst-case load/line transients.
When the OVP condition is detected, the gate drive activity is immediately stopped until the
voltage on the pin PFC_OK drops below 2.4 V. Notice that R5, R10, R14 and R23 can be
selected without any constraints. The unique criterion is that both dividers have to sink
a current from the output bus which needs to be significantly higher than the current biasing
the error amplifier and PFC_OK comparator.
Figure 40. EVL4984-350W open loop at 115 Vac - 60 Hz - full load
The OVP function described above is able to handle “normal” overvoltage conditions,
i.e. those resulting from an abrupt load/line change or occurring at startup. In case the
overvoltage is generated by a feedback disconnection, for instance, when the upper resistor
of the output divider (R6) fails open, the open-loop protection is needed.
The open-loop protection is implemented by the PFC_OK (#6) and INV (#1) pins. If the
voltage of the PFC_OK pin exceeds 2.5 V, and at the same time the voltage on INV pin (#1)
falls below 1.66 V a feedback failure is assumed, and the device is latched off, stopping the
gate drive activity.
The pin PFC_OK doubles its function as a non-latched IC disable: a voltage below
0.23 V will shut down the IC, reducing its consumption below 2 mA. To restart the L4984D
simply let the voltage at the pin rise above 0.27 V.
Note that this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. Either resistor of the
PFC_OK divider failing short or open or a PFC_OK pin floating will result in shutting down
the L4984D and stopping the pre-regulator.
The event of an open loop is captured in Figure 40, we can notice the protection intervention
latching the operation of the L4984D. The operation can be resumed by recycling VCC.
2.7
Power management/housekeeping functions
A communication line with the control IC of the cascaded DC-DC converter can be
established via the disable function included in the PFC_OK pin. Typically this line is used to
allow the PWM controller of the cascaded DC-DC converter to shut down the L4984D in
AM13425v1
CH1: Q1/Q2 drain voltage
CH2: INV - pin #1
CH2: PFC_OK - pin #6
CH4: PFC output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com