Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4163 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 19Page - STMicroelectronics AN4163 Datasheet HTML 20Page - STMicroelectronics AN4163 Datasheet HTML 21Page - STMicroelectronics AN4163 Datasheet HTML 22Page - STMicroelectronics AN4163 Datasheet HTML 23Page - STMicroelectronics AN4163 Datasheet HTML 24Page - STMicroelectronics AN4163 Datasheet HTML 25Page - STMicroelectronics AN4163 Datasheet HTML 26Page - STMicroelectronics AN4163 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID023658 Rev 2
23/33
AN4163
Thermal measurements
33
3
Thermal measurements
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. Figure 42 and Figure 43 show thermal measurements of the on-board components at
nominal input voltages and full load. Some pointers visible on the pictures placed across key
components show the relevant temperature. Table 2 provides the correlation between the
measured points and components, for both thermal maps. The ambient temperature during
both measurements was 25 °C. According to these measurement results, all components of
the board are working within their temperature limits.
Figure 42. Thermal map at 115 Vac - 60 Hz - full load
Figure 43. Thermal map at 230 Vac - 50 Hz - full load
AM13427v1
AM13428v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com