Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4346 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 9Page - STMicroelectronics AN4346 Datasheet HTML 10Page - STMicroelectronics AN4346 Datasheet HTML 11Page - STMicroelectronics AN4346 Datasheet HTML 12Page - STMicroelectronics AN4346 Datasheet HTML 13Page - STMicroelectronics AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics AN4346 Datasheet HTML 16Page - STMicroelectronics AN4346 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID025107 Rev 1
13/33
AN4346
Measurement results
33
2.4
Total harmonic distortion (THD) at nominal load
In Figure 8 is displayed the total harmonic distortion (THD) versus line voltage.
Figure 8. Total harmonic distortion (THD) versus line voltage
The THD at nominal input voltage is lower than 20%.
2.5
Driver efficiency at different LED load number
In Figure 9 is displayed LED driver efficiency versus AC line voltage at different numbers of
LEDs applied.
Figure 9. LED driver efficiency versus AC line voltage at different numbers of LEDs
applied
As shown in Figure 9 LED driver efficiency is always over 80% in all the input voltage range
also varying the number of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com