Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4346 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics AN4346 Datasheet HTML 27Page - STMicroelectronics AN4346 Datasheet HTML 28Page - STMicroelectronics AN4346 Datasheet HTML 29Page - STMicroelectronics AN4346 Datasheet HTML 30Page - STMicroelectronics AN4346 Datasheet HTML 31Page - STMicroelectronics AN4346 Datasheet HTML 32Page - STMicroelectronics AN4346 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DocID025107 Rev 1
31/33
AN4346
Electrical waveform
33
Converter is internally self supplying through the HVs generator.
If the short is removed, the output voltage comes back to its nominal value, the external
charging pump supplies the IC and the output current is regulated at its nominal value.
Figure 49. Short-circuit removal at 100 Vac
- 50 Hz
Figure 50. Short-circuit removal at 230 Vac
- 50 Hz
CH1: DRAIN pin
CH2: CS pin
CH3: VOUT
CH4: VCC pin
CH1: DRAIN pin
CH2: CS pin
CH3: VOUT
CH4: VCC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com